Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

484MS8GE Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 484MS8GE
Description  GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

484MS8GE Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  484MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 484MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 484MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 484MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 484MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 484MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation 484MS8GE Datasheet HTML 7Page - Hittite Microwave Corporation 484MS8GE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 4
DISC
ONT
INUE
D
PRO
DUC
T
Not R
ecom
men
ded
for N
ew D
esig
ns
Input IP3 @ Vdd = +5 Volts
50
55
60
65
70
75
80
0
0.5
1
1.5
2
2.5
3
3.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Input IP3 @ Vdd = +8 Volts
50
55
60
65
70
75
80
0
0.5
1
1.5
2
2.5
3
3.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
25
30
35
40
45
50
0
0.5
1
1.5
2
2.5
3
3.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Input IP3 @ Vdd = +3 Volts
Input IP3 @ Vdd = +10 Volts
50
55
60
65
70
75
80
0
0.5
1
1.5
2
2.5
3
3.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Input IP3 vs. Input Power @ 900 MHz
Input IP3 vs. Input Power @ 1900 MHz
30
40
50
60
70
80
27
28
29
30
31
32
33
+3 Volts
+5 Volts
+8 Volts
+10 Volts
TWO TONE INPUT POWER (dBm) (EACH TONE)
30
40
50
60
70
80
27
28
29
30
31
32
33
+3 Volts
+5 Volts
+8 Volts
+10 Volts
TWO TONE INPUT POWER (dBm) (EACH TONE)
HMC484MS8G / 484MS8GE
v04.0608
GaAs MMIC 10 WATT T/R SWITCH
DC - 3 GHz


Similar Part No. - 484MS8GE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
484 ETC2-484 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Bi technologies
484 BITECH-484 Datasheet
255Kb / 3P
   Precision Potentiometer / Position Sensor
logo
3M Electronics
484 3M-484 Datasheet
220Kb / 2P
   Electroplating/Anodizing Tape
logo
Everlight Electronics C...
484-10SURT EVERLIGHT-484-10SURT Datasheet
96Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
484-10SURT-S530-A3 EVERLIGHT-484-10SURT-S530-A3 Datasheet
102Kb / 6P
   3.0mm Very Wide Angle Type LED Lamps
More results

Similar Description - 484MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC484MS8G HITTITE-HMC484MS8G_08 Datasheet
277Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G Datasheet
270Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3.0 GHz
logo
Analog Devices
HMC784A AD-HMC784A Datasheet
527Kb / 9P
   GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC784MS8GE HITTITE-HMC784MS8GE Datasheet
257Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8_09 Datasheet
261Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com