Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC568LC5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC568LC5
Description  GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC568LC5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC568LC5_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC568LC5_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC568LC5_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC568LC5_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC568LC5_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC568LC5_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
HMC568LC5
GaAs MMIC I/Q DOWNCONVERTER
9 - 12 GHz
v05.1208
General Description
Features
Typical Applications
The HMC568LC5 is a compact GaAs MCM I/Q
downconverter
in
a
leadless
RoHS
compliant
SMT package. This device provides a small signal
conversion gain of 14 dB with a noise figure of 2 dB and
33 dB of image rejection. The HMC568LC5 utilizes an
LNA followed by an image reject mixer which is driven
by an LO buffer amplifier. The image reject mixer
eliminates the need for a filter following the LNA, and
removes thermal noise at the image frequency. I and
Q mixer outputs are provided and an external 90°
hybrid is needed to select the required sideband. The
HMC568LC5 is a much smaller alternative to hybrid
style image reject mixer downconverter assemblies,
and it eliminates the need for wire bonding by allowing
the use of surface mount manufacturing techniques.
Electrical Specifications, T
A = +25° C,
IF = 100 MHz, LO = 0 dBm, VD3 = 5V, VD1, VD2 = 3V*
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF
9 - 12
GHz
Frequency Range, LO
5.5 - 15.5
GHz
Frequency Range, IF
DC - 3.5
GHz
Conversion Gain (As IRM)
10
14
dB
Noise Figure
2.0
dB
Image Rejection
20
33
dB
1 dB Compression (Input)
-7
dBm
LO to RF Isolation
40
55
dB
LO to IF Isolation
20
38
dB
IP3 (Input)
-1
dBm
Amplitude Balance
±1
dB
Phase Balance
±5
Deg
Total Supply Current
160
208
mA
*Data taken as IRM with external IF Hybrid
Functional Diagram
The HMC568LC5 is ideal for:
• Point-to-Point and Point-to-Multi-Point Radio
• Military Radar, EW & ELINT
• Satellite Communications
Conversion Gain: 14 dB
Image Rejection: 33 dB
LO to RF Isolation: 55 dB
Noise Figure: 2 dB
Input IP3: -1 dBm
32 Lead 5x5mm SMT Package: 25mm2


Similar Part No. - HMC568LC5_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC560 HITTITE-HMC560 Datasheet
289Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
HMC560 HITTITE-HMC560 Datasheet
228Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
logo
Micross Components
HMC560 MICROSS-HMC560 Datasheet
1,004Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
HMC560A AD-HMC560A Datasheet
786Kb / 29P
   24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
HMC560A-SX AD-HMC560A-SX Datasheet
786Kb / 29P
   24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
More results

Similar Description - HMC568LC5_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC908LC5 HITTITE-HMC908LC5 Datasheet
1Mb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 9 - 12 GHz
logo
Analog Devices
HMC908A AD-HMC908A Datasheet
784Kb / 26P
   9 GHz to 12 GHz,GaAs, MMIC, I/Q Downconverter
logo
Hittite Microwave Corpo...
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC569LC5 HITTITE-HMC569LC5_10 Datasheet
243Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC569LC5 HITTITE-HMC569LC5_08 Datasheet
247Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC869LC5 HITTITE-HMC869LC5_09 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC869LC5 HITTITE-HMC869LC5_10 Datasheet
678Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC569LC5 HITTITE-HMC569LC5 Datasheet
228Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com