Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC608 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC608
Description  GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC608 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC608_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC608_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC608_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC608_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC608_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC608_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC608_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC608_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3
3 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2, Vdd3)
7 Vdc
Gate Bias Voltage (Vgg)
-4.0 to -1.0 Vdc
RF Input Power (RFIN)(Vdd = +5.0 Vdc)
+10 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 25.89 mW/°C above 85 °C)
2.33W
Thermal Resistance
(channel to die bottom)
38.6 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
Vdd (Vdc)
Idd (mA)
+4.5
300
+5.0
310
+5.5
325
Note: Amplifier will operate over full voltage ranges shown
above. Vgg adjusted to achieve Idd= 310 mA at +5.0V.
Typical Supply Current vs. Vdd
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC608
GaAs PHEMT MEDIUM
POWER AMPLIFIER, 9.5 - 11.5 GHz
v01.0707
NOTES:
1. ALL DIMENSIONS IN INCHES [MILLIMETERS]
2. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS
3. DIE THICKNESS IS 0.004 (0.100)
4. TYPICAL BOND PAD IS 0.004 (0.100) SQUARE
5. BACKSIDE METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND
7. BOND PAD METALIZATION: GOLD
Die Packaging Information [1]
Standard
Alternate
GP-2
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.


Similar Part No. - HMC608_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC608LC4 HITTITE-HMC608LC4 Datasheet
1Mb / 6P
   GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
logo
Analog Devices
HMC608LC4 AD-HMC608LC4 Datasheet
367Kb / 8P
   GaAs pHEMT MEDIUM POWER AMPLIFIER
HMC608LC4 AD-HMC608LC4 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC608LC4 HITTITE-HMC608LC4_10 Datasheet
1Mb / 6P
   GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
More results

Similar Description - HMC608_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608 Datasheet
374Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608_07 Datasheet
295Kb / 8P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4_10 Datasheet
1Mb / 6P
   GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5_09 Datasheet
273Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com