Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS730 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BTS730
Description  PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS730 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BTS730 Datasheet HTML 1Page - Siemens Semiconductor Group BTS730 Datasheet HTML 2Page - Siemens Semiconductor Group BTS730 Datasheet HTML 3Page - Siemens Semiconductor Group BTS730 Datasheet HTML 4Page - Siemens Semiconductor Group BTS730 Datasheet HTML 5Page - Siemens Semiconductor Group BTS730 Datasheet HTML 6Page - Siemens Semiconductor Group BTS730 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BTS 730
Semiconductor Group
5
Application Note
Package Outline
P-DSO-20-6
Dimensions in mm
Vbb
VREF
VC
GND
68nF
CB1
CB2
Ct
22nF
OUT
+
220nF
Vbb
12
3
4,5,6,7
14,15,16,17
8,9,10
11,12,13
18
19
20
150
O
O
k
25
O
O
BTS730
Load
150
O
O Resistor for reverse battery and load dump prodection
Dimming of dashboard lighting


Similar Part No. - BTS730

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
   PWM Power Unit
2003-Oct-01
BTS730 INFINEON-BTS730 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
BTS730 INFINEON-BTS730_07 Datasheet
187Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-12-17
More results

Similar Description - BTS730

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS630 SIEMENS-BTS630 Datasheet
133Kb / 8P
   PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
Omron Electronics LLC
C4V OMRON-C4V Datasheet
158Kb / 4P
   Miniature Power Switch allows 8A Loads Switching
logo
STMicroelectronics
AN308 STMICROELECTRONICS-AN308 Datasheet
147Kb / 16P
   TRIAC analog control circuits for inductive loads
logo
List of Unclassifed Man...
MLX10402 ETC1-MLX10402 Datasheet
36Kb / 3P
   The IC drives directly small DC inductive or active loads like electric motors, lamps, etc
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
   PWM Power Unit
2003-Oct-01
logo
Shenzhen Huazhimei Semi...
HM2711 HMSEMI-HM2711 Datasheet
1Mb / 10P
   High-performance low-cost PWM control power device
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
   Reed Switch for Inductive Loads
logo
Wurth Elektronik GmbH &...
173010542 WURTH-173010542 Datasheet
1Mb / 24P
   Continuous output power: 3.3W or 5W
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com