Electronic Components Datasheet Search |
|
SP8K80 Datasheet(PDF) 1 Page - Rohm |
|
SP8K80 Datasheet(HTML) 1 Page - Rohm |
1 / 7 page Data Sheet www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved. 10V Drive Nch MOSFET SP8K80 Structure Dimensions (Unit : mm) Silicon N-channel MOSFET Features 1) Built-in G-S protection diode. 2) Small surface mount package(SOP8). Application Switching Packaging specifications Inner circuit Package Taping Code TB Basic ordering unit (pieces) 2500 SP8K80 Absolute maximum ratings (Ta = 25 C) Symbol Limits Unit Drain-source voltage VDSS 500 V Gate-source voltage VGSS 30 V Continuous ID 0.5 A Pulsed IDP 2A Continuous IS 0.5 A Pulsed ISP 2A Avalanche current IAS 0.25 A Avalanche energy EAS 0.017 mJ Power dissipation PD 2W Channel temperature Tch 0.2 C Range of storage temperature Tstg 55 to 150 C *1 Pw 10s, Duty cycle1% *2 L 500 H, VDD=50V, RG=25, Tch=25°C *3 Limited only by maximum channel temperature allowed. *4 Mounted on a ceramic board. Type Source current (Body Diode) Drain current Parameter *2 *2 *3 *4 *3 *1 *1 (1) Tr1 Source (2) Tr1 Gate (3) Tr2 Source (4) Tr2 Gate (5) Tr2 Drain (6) Tr2 Drain (7) Tr1 Drain (8) Tr1 Drain ∗2 ∗1 ∗2 ∗1 (8) (7) (1) (2) (6) (5) (3) (4) 1 ESD PROTECTION DIODE 2 BODY DIODE SOP8 (1) (8) (5) (7) (6) (4) (2) (3) (1) Tr1 Source (2) Tr1 Gate (3) Tr2 Source (4) Tr2 Gate (5) Tr2 Drain (6) Tr2 Drain (7) Tr1 Drain (8) Tr1 Drain 1/6 2011.10 - Rev.A |
Similar Part No. - SP8K80 |
|
Similar Description - SP8K80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |