Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMTPB120 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMTPB120
Description  TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMTPB120 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMTPB120 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMTPB120 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMTPB120 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMTPB120 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
1
2
3
4
5
6
7
8
9
10
1
10
100
TJ=25℃
VT(V)
FIG.2 -- RELATIVE VARIATION OF HOLDING
DDDD DCURRENT VERSUS JUNCTION
SSSS CTEMPERATURE.
FFFFFIG.3 -- RELATIVE VARIATION OF JUNCTION
VVVVVVVV CAPACITANCE VERSUS REVERSE
BBBBBBBB APPLIED VOLTAGE
FIG.4 -- ON-STATE CURRENT VERSUS ON-STATE YY
YYYVOLTAGE
FIG.5 -- TRANSIENT THERMAL IMPEDANCE JUNCTION TO AMBIENT VERSUS PULSE DURATION
RATINGS AND CHARACTERISTIC CURVES
SMTPB---SERIES
FIG.1 -- NON REPETITIVE SURGE PEAK ON-STATE
VVVVVV CURRENT VERSUS OVERLOAD DURATION
VV
(TJ INItIAL=25°C).
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 028600
6
4.
30
0
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
F=50H
z
60
t(s)
ITSM(A)
0.8
0.6
0.2
0.4
0.0
-40
-20
20
060
40
80
100
1.0
1.2
1.4
2.0
1.6
1.8
TJ(℃)
IH[TJ]/IH[TJ=25
]
1.0
0.5
0.1
1
100
10
VR(V)
0.2
300
F=1MHZ
C[V
R]/C[VR=1V]
1
0
0.1
0.01
0.1
1.0
10
100
1000
5000
1
100
tp(s)
ZTH(J-a)(
/W)
IT(A)


Similar Part No. - SMTPB120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMTPB120 STMICROELECTRONICS-SMTPB120 Datasheet
55Kb / 5P
   TRISILTM
logo
Shenzhen Taychipst Elec...
SMTPB120 TAYCHIPST-SMTPB120 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
More results

Similar Description - SMTPB120

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPAXXX BILIN-SMTPAXXX_03 Datasheet
346Kb / 6P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB62 TAYCHIPST-SMTPB62 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
TPA BILIN-TPA Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
Shenzhen Luguang Electr...
SMTPA68 LUGUANG-SMTPA68 Datasheet
529Kb / 6P
   Telecommunication Protection
TPA62 LUGUANG-TPA62 Datasheet
2Mb / 4P
   Telecommunication Protection
logo
Shenzhen Taychipst Elec...
TPA TAYCHIPST-TPA Datasheet
1Mb / 2P
   TELECOMMUNICATION PROTECTION ARRESTORS
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
logo
Chongqing Pingwei Enter...
STPA62 CHONGQING-STPA62 Datasheet
34Kb / 1P
   SOLID STATE TELECOMMUNICATION PROTECTION ARRESTOR
logo
STMicroelectronics
SMP-0SCMC STMICROELECTRONICS-SMP-0SCMC Datasheet
86Kb / 7P
   Trisil for telecommunication equipment protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com