Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUP200 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BUP200
Description  IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUP200 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BUP200 Datasheet HTML 1Page - Siemens Semiconductor Group BUP200 Datasheet HTML 2Page - Siemens Semiconductor Group BUP200 Datasheet HTML 3Page - Siemens Semiconductor Group BUP200 Datasheet HTML 4Page - Siemens Semiconductor Group BUP200 Datasheet HTML 5Page - Siemens Semiconductor Group BUP200 Datasheet HTML 6Page - Siemens Semiconductor Group BUP200 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Dec-06-1995
BUP 200
Power dissipation
Ptot = ƒ(TC)
parameter:
Tj ≤ 150 °C
0
20
40
60
80
100
120
°C
160
T
C
0
5
10
15
20
25
30
35
40
45
W
55
P
tot
Collector current
IC = ƒ(TC)
parameter:
VGE ≥ 15 V , Tj ≤ 150 °C
0
20
40
60
80
100
120
°C
160
T
C
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
A
3.6
I
C
Safe operating area
IC = ƒ(VCE)
parameter:
D = 0, TC = 25°C , Tj ≤ 150 °C
-2
10
-1
10
0
10
1
10
A
I
C
10
0
10
1
10
2
10
3
V
V
CE
DC
10 ms
1 ms
100 µs
10 µs
t
p
= 4.5µs
Transient thermal impedance
IGBT
Zth JC = ƒ(tp)
parameter:
D = tp / T
-2
10
-1
10
0
10
1
10
K/W
Z
thJC
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - BUP200

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP200D SIEMENS-BUP200D Datasheet
325Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
More results

Similar Description - BUP200

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP402 SIEMENS-BUP402 Datasheet
87Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP213 SIEMENS-BUP213 Datasheet
110Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP302 SIEMENS-BUP302 Datasheet
419Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP304 SIEMENS-BUP304 Datasheet
378Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP314 SIEMENS-BUP314 Datasheet
89Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP604 SIEMENS-BUP604 Datasheet
145Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP307 SIEMENS-BUP307 Datasheet
343Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP300 SIEMENS-BUP300 Datasheet
338Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP313 SIEMENS-BUP313 Datasheet
99Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
BUP400 SIEMENS-BUP400 Datasheet
148Kb / 8P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com