Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5116 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5116
Description  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5116 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5116 Datasheet HTML 5Page - Analog Devices AD5116 Datasheet HTML 6Page - Analog Devices AD5116 Datasheet HTML 7Page - Analog Devices AD5116 Datasheet HTML 8Page - Analog Devices AD5116 Datasheet HTML 9Page - Analog Devices AD5116 Datasheet HTML 10Page - Analog Devices AD5116 Datasheet HTML 11Page - Analog Devices AD5116 Datasheet HTML 12Page - Analog Devices AD5116 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5111/AD5113/AD5115
Rev. 0 | Page 9 of 24
INTERFACE TIMING SPECIFICATIONS
VDD = 2.3 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Description
fCLK
VDD ≥ 2.7 V
50
MHz
Clock frequency
VDD < 2.7 V
25
MHz
t1
25
ns
CS setup time
t2
VDD ≥ 2.7 V
10
ns
CLK low time
VDD < 2.7 V
20
ns
t3
VDD ≥ 2.7 V
10
ns
CLK high time
VDD < 2.7 V
20
ns
t4
15
ns
U/D setup time
t5
6
ns
U/D hold time
t6
VDD ≥ 2.7 V
20
ns
CS rise to CLK hold time
VDD < 2.7 V
40
ns
t7
15
ns
CS rising edge to next CLK ignored
t8
VDD ≥ 2.7 V
12
ns
U/D minimum pulse time
VDD < 2.7 V
24
ns
t9
12
ns
U/D rise to CLK falling edge
t10
1
µs
Minimum CS time
tEEPROM_PROGRAM1
15
50
ms
Memory program time
tPOWER_UP2
50
µs
Power-on EEPROM restore time
1
EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at a lower temperature and higher write cycles.
2
Maximum time after VDD is equal to 2.3 V.
TIMING DIAGRAMS
t1
RWB
CLK
CS
U/D
t2
t4
t5
t6
t3
t10
t7
Figure 2. Increment/Decrement Mode Timing
DATA
EEPROM
NEW DATA
tEEPROM_PROGRAM
t1
CLK
CS
U/D
t8
t6
Figure 3. Storage Mode Timing
CS
CLK
U/D
t1
t9
t6
Figure 4. Shutdown Mode Timing


Similar Part No. - AD5116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5116 AD-AD5116 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results

Similar Description - AD5116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
logo
Analog Devices
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com