Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9642BCPZRL7-210 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9642BCPZRL7-210
Description  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642BCPZRL7-210 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9642BCPZRL7-210 Datasheet HTML 6Page - Analog Devices AD9642BCPZRL7-210 Datasheet HTML 7Page - Analog Devices AD9642BCPZRL7-210 Datasheet HTML 8Page - Analog Devices AD9642BCPZRL7-210 Datasheet HTML 9Page - Analog Devices AD9642BCPZRL7-210 Datasheet HTML 10Page - Analog Devices AD9642BCPZRL7-210 Datasheet HTML 11Page - Analog Devices AD9642BCPZRL7-210 Datasheet HTML 12Page - Analog Devices AD9642BCPZRL7-210 Datasheet HTML 13Page - Analog Devices AD9642BCPZRL7-210 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9642
Rev. 0 | Page 10 of 28
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = maximum rate per speed grade, DCS enabled, 1.75 V p-p differential input, VIN = −1.0 dBFS,
32k sample, TA = 25°C, unless otherwise noted.
170MSPS
90.1MHz @ –1dBFS
SNR = 71.82dB (72.2dBFS)
SFDR = 93dBc
Figure 4. AD9642-170 Single-Tone FFT with fIN = 90.1 MHz
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
170MSPS
185.1MHz @ –1dBFS
SNR = 70.2dB (71.2dBFS)
SFDR = 86dBc
Figure 5. AD9642-170 Single-Tone FFT with fIN = 185.1 MHz
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
170MSPS
220.1MHz @ –1dBFS
SNR = 69.7dB (70.7dBFS)
SFDR = 84dBc
Figure 6. AD9642-170 Single-Tone FFT with fIN = 220.1 MHz
0
–20
THIRD HARMONIC
SECOND HARMONIC
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
FREQUENCY (MHz)
170MSPS
305.1MHz @ –1dBFS
SNR = 68.0dB (69.0dBFS)
SFDR = 86dBc
Figure 7. AD9642-170 Single-Tone FFT with fIN = 305.1 MHz
120
100
80
60
40
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 8. AD9642-170 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 90.1 MHz, fS = 170 MSPS
60
65
70
75
80
85
90
95
100
60
75
90
105
120
135
150
165
180
195
210
225
240
255
270
285
300
315
330
345
FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 9. AD9642-170 Single-Tone SNR/SFDR vs. Input Frequency (fIN),
fS = 170 MSPS


Similar Part No. - AD9642BCPZRL7-210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9642BCPZRL7-210 AD-AD9642BCPZRL7-210 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9642BCPZRL7-210 AD-AD9642BCPZRL7-210 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter (ADC)
More results

Similar Description - AD9642BCPZRL7-210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9239 AD-AD9239 Datasheet
1Mb / 40P
   Quad, 12-Bit, 170 MSPS/210 MSPS/250 MSPS Serial Output 1.8 V ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com