Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4528-1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4528-1
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4528-1 Datasheet HTML 2Page - Analog Devices ADA4528-1 Datasheet HTML 3Page - Analog Devices ADA4528-1 Datasheet HTML 4Page - Analog Devices ADA4528-1 Datasheet HTML 5Page - Analog Devices ADA4528-1 Datasheet HTML 6Page - Analog Devices ADA4528-1 Datasheet HTML 7Page - Analog Devices ADA4528-1 Datasheet HTML 8Page - Analog Devices ADA4528-1 Datasheet HTML 9Page - Analog Devices ADA4528-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADA4638-1
Data Sheet
Rev. 0 | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 5.
Parameter
Rating
Supply Voltage
33 V
Input Voltage1
±VSY
Input Current
±10 mA
Differential Input Voltage
±VSY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for a device soldered on a 4-layer JEDEC
standard board with zero airflow. For LFCSP packages, the
exposed pad is soldered to the board.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC
120
45
°C/W
8-Lead LFCSP
75
12
°C/W
ESD CAUTION
1 Input voltage should always be limited to less than 30 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ADA4528-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1 Datasheet
603Kb / 5P
   Devices Connected
ADA4528-1 AD-ADA4528-1 Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
ADA4528-1 AD-ADA4528-1 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
ADA4528-1ACPZ-R2 AD-ADA4528-1ACPZ-R2 Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
More results

Similar Description - ADA4528-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4638-1 AD-ADA4638-1_16 Datasheet
912Kb / 25P
   30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
OPA2186 TI-OPA2186 Datasheet
1Mb / 26P
[Old version datasheet]   OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
JUNE 2022
TLV2186 TI1-TLV2186 Datasheet
1Mb / 38P
[Old version datasheet]   TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
TLV2186 TI-TLV2186_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
OPA2186 TI-OPA2186_V01 Datasheet
2Mb / 41P
[Old version datasheet]   OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
OPA2186 TI-OPA2186_V02 Datasheet
2Mb / 41P
[Old version datasheet]   OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com