Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-A4225-A2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67040-A4225-A2
Description  IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67040-A4225-A2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  Q67040-A4225-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67040-A4225-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67040-A4225-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67040-A4225-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67040-A4225-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67040-A4225-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67040-A4225-A2 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Dec-02-1996
BUP 305 D
Typ. gate charge
VGE = ƒ(QGate)
parameter:
IC puls = 6 A
0
10
20
30
40
50
nC
65
Q
Gate
0
2
4
6
8
10
12
14
16
V
20
V
GE
800 V
400 V
Typ. capacitances
C = f (VCE)
parameter:
VGE = 0 V, f = 1 MHz
Short circuit safe operating area
ICsc = f (VCE) , Tj = 150°C
parameter:
VGE = ± 15 V, tsc ≤ 10 µs, L < 25 nH
0
200
400
600
800
1000 1200
V
1600
0
2
4
6
10
I
Csc/IC(90°C)
Reverse biased safe operating area
ICpuls = f (VCE) , Tj = 150°C
parameter:
VGE = 15 V
0
200
400
600
800
1000 1200
V
1600
0.0
0.5
1.0
1.5
2.5
I
Cpuls/IC


Similar Part No. - Q67040-A4225-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-A4221-A2 SIEMENS-Q67040-A4221-A2 Datasheet
342Kb / 7P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
Q67040-A4222-A2 SIEMENS-Q67040-A4222-A2 Datasheet
221Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
Q67040-A4226-A2 SIEMENS-Q67040-A4226-A2 Datasheet
105Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
Q67040-A4228-A2 SIEMENS-Q67040-A4228-A2 Datasheet
110Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
Q67040-A4229-A2 SIEMENS-Q67040-A4229-A2 Datasheet
106Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
More results

Similar Description - Q67040-A4225-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUP306D SIEMENS-BUP306D Datasheet
221Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP602D SIEMENS-BUP602D Datasheet
106Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP307D SIEMENS-BUP307D Datasheet
342Kb / 7P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP400D SIEMENS-BUP400D Datasheet
104Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP314D SIEMENS-BUP314D Datasheet
105Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP410D SIEMENS-BUP410D Datasheet
81Kb / 9P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP603D SIEMENS-BUP603D Datasheet
112Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode)
BUP200D SIEMENS-BUP200D Datasheet
325Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
BUP313D SIEMENS-BUP313D Datasheet
110Kb / 8P
   IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free)
BUP202 SIEMENS-BUP202 Datasheet
381Kb / 7P
   IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com