Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SA100S Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT88SA100S
Description  Atmel CryptoAuthentication Battery Authentication Chip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SA100S Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT88SA100S_11 Datasheet HTML 5Page - ATMEL Corporation AT88SA100S_11 Datasheet HTML 6Page - ATMEL Corporation AT88SA100S_11 Datasheet HTML 7Page - ATMEL Corporation AT88SA100S_11 Datasheet HTML 8Page - ATMEL Corporation AT88SA100S_11 Datasheet HTML 9Page - ATMEL Corporation AT88SA100S_11 Datasheet HTML 10Page - ATMEL Corporation AT88SA100S_11 Datasheet HTML 11Page - ATMEL Corporation AT88SA100S_11 Datasheet HTML 12Page - ATMEL Corporation AT88SA100S_11 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Atmel AT88SA100S [DATASHEET]
9
8558F
−CRYPTO−9/11
5.1.1
Command Timing
After a command flag is transmitted, a command block should be sent to the chip. During parsing of the parameters and
subsequent execution of a properly received command, the chip will be busy and not respond to transitions on the signal pin.
The delays for these operations are listed in the table below:
Table 5-2.
Command Timing (Guaranteed by design; not tested)
Parameter
Symbol
Max
Unit
Notes
ParsingDelay
t PARSE
100
µs
Delay to check CRC and parse opcode and parameters before an
error indication will be available
MemoryDelay
t EXEC_MEM
3
ms
Delay to execute Read, Write and/or SramLock commands
FuseDelay
t EXEC_FUSE
700
µs
Delay to execute BurnFuse command
See Section 6.3 for more details
MacDelay
t EXEC_MAC
30
ms
Delay to execute MAC command
PersonalizeDelay
t PERSON
13
ms
Delay to execute GenPersonalizationKey or LoadSram
In this document, tEXEC is used as shorthand for the delay corresponding to whatever command has been sent to the chip.
5.1.2
Transmit Flag
The Transmit flag is used to turn around the signal so that the AT88SA100S can send data back to the system, depending on
its current state. The bytes that the AT88SA100S returns to the system, depending on its current state as follows:
Table 5-3.
Return Codes
State Description
Error/Status
Description
After Wake, but prior
to first command
0x11
Indication that a proper Wake token has been received by the AT88SA100S.
After successful
command execution
Return bytes per “Output Parameters” in Section 6, Commands of this document.
In some cases this is a single byte with a value of 0x00 indicating success. The
Transmit flag can be resent to the AT88SA100S repeatedly if a re-read of the
output is necessary.
Execution error
0x0F
Command was properly received but could not be executed by the AT88SA100S
chip. Changes in the AT88SA100S chip state or the value of the command bits
must happen before it is re-attempted.
After CRC or other
parsing error
0xFF
Command was not properly received by AT88SA100S and should be re-issued
by the system.
The AT88SA100S always transmits complete blocks to the system, so in the above table the status/error bytes result in 4-
bytes going to the system – count, error, CRC x 2.
After receipt of a command block, the AT88SA100S will parse the command for errors, a process which takes tPARSE (See
Section 5.1.1). After this interval the system can send a transmit token to the AT88SA100S – if there was an error then the
AT88SA100S will respond with an error code. If there is no error then the AT88SA100S internally transitions automatically
from tPARSE to tEXEC and will not respond to any Transmit tokens until both delays are complete.
5.1.3
Sleep Flag
The sleep flag is used to transition the AT88SA100S to the low power state, which causes a complete reset of the
AT88SA100S’ internal command engine and input/output buffer. It can be sent to the AT88SA100S at any time when the
AT88SA100S will accept a flag.


Similar Part No. - AT88SA100S_11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA100S ATMEL-AT88SA100S Datasheet
138Kb / 21P
   Battery Authentication Chip
More results

Similar Description - AT88SA100S_11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S_11 Datasheet
250Kb / 26P
   Atmel CryptoAuthentication Product Authentication Chip
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_11 Datasheet
248Kb / 25P
   Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_10 Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
   Atmel CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA100S ATMEL-AT88SA100S Datasheet
138Kb / 21P
   Battery Authentication Chip
AT88CK454BLACK ATMEL-AT88CK454BLACK Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com