Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SA100S-TSU-T Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT88SA100S-TSU-T
Description  Atmel CryptoAuthentication Battery Authentication Chip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SA100S-TSU-T Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT88SA100S-TSU-T Datasheet HTML 6Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 7Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 8Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 9Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 10Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 11Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 12Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 13Page - ATMEL Corporation AT88SA100S-TSU-T Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Atmel AT88SA100S [DATASHEET]
10
8558F
−CRYPTO−9/11
To achieve the specified ISLEEP, Atmel recommends that the input signal be brought below VIL when the chip is asleep. To
achieve ISLEEP if the sleep state of the input pin is high, the voltage on the input signal should be within 0.3V of VCC to avoid
additional leakage on the input circuit of the chip.
5.1.4
Pause State
The pause state is entered via the PauseLong command and can be exited only when the watchdog timer has expired and the
chip transitions to a sleep state. When in the pause state, the chip ignores all transitions on the signal pin but does not enter a
low power consumption mode.
The pause state provides a mechanism for multiple AT88SA100S chips on the same wire to be selected and to exchange data
with the host microprocessor. The PauseLong command includes an optional address field which is compared to the values in
Fuses 84-87. If the two matches, then the chip enters the pause state, otherwise, it continues to monitor the bus for
subsequent commands. The host would selectively put all but one AT88SA100S in the pause state before executing the MAC
command on the active chip. After the end of the watchdog interval all the chips will have entered the sleep state and the
selection process can be started with a Wake token (which will then be honored by all chips) and selection of a subsequent
chip.
5.2
IO Blocks
Commands are sent to the chip, and responses received from the chip, within a block that is constructed in the following way:
Byte Number
Name
Meaning
0
Count
Number of bytes to be transferred to the chip in the block, including count, packet and checksum,
so this byte should always have a value of (N+1). The maximum size block is 39 and the
minimum size block is four. Values outside this range will cause unpredictable operation.
1 to (N-2)
Packet
Command, parameters and data, or response
See Section 6 for more details
N-1, N
Checksum CRC-16 verification of the count and packet bytes. The CRC polynomial is 0x8005, the initial
register value should be zero and after the last bit of the count and packet have been transmitted
the internal CRC register should have a value that matches that in the block. The first byte
transmitted (N-1) is the least significant byte of the CRC value so the last byte of the block is the
most significant byte of the CRC.
5.3
IO Flow
The general IO flow for a MAC command is as follows:
1.
System sends wake token
2.
System sends transmit flag
3.
Receive 0x11 value from the AT88SA100S to verify proper wakeup synchronization
4.
System sends command flag
5.
System sends command block
6.
System waits tPARSE for the AT88SA100S to check for command formation errors
7.
System sends transmit flag. If command format is OK, the AT88SA100S ignores this flag because the computation
engine is busy. If there was an error, the AT88SA100S responds with an error code
8.
System waits tEXEC. See Section 5.1.1
9.
System sends transmit flag
10. Receive output block from the AT88SA100S, system checks CRC
11. If CRC from the AT88SA100S is incorrect, indicating a transmission error, system resends transmit flag
12. System sends sleep flag to the AT88SA100S
All commands other than MAC have a short execution delay. In these cases the system should omit steps six, seven, and
eight and replace this with a wait of duration tPARSE + tEXEC.


Similar Part No. - AT88SA100S-TSU-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA100S ATMEL-AT88SA100S Datasheet
138Kb / 21P
   Battery Authentication Chip
More results

Similar Description - AT88SA100S-TSU-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S_11 Datasheet
250Kb / 26P
   Atmel CryptoAuthentication Product Authentication Chip
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_11 Datasheet
248Kb / 25P
   Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_10 Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
   Atmel CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA100S ATMEL-AT88SA100S Datasheet
138Kb / 21P
   Battery Authentication Chip
AT88CK454BLACK ATMEL-AT88CK454BLACK Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com