Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SA102S Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT88SA102S
Description  Atmel CryptoAuthentication Product Authentication Chip
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SA102S Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT88SA102S Datasheet HTML 2Page - ATMEL Corporation AT88SA102S Datasheet HTML 3Page - ATMEL Corporation AT88SA102S Datasheet HTML 4Page - ATMEL Corporation AT88SA102S Datasheet HTML 5Page - ATMEL Corporation AT88SA102S Datasheet HTML 6Page - ATMEL Corporation AT88SA102S Datasheet HTML 7Page - ATMEL Corporation AT88SA102S Datasheet HTML 8Page - ATMEL Corporation AT88SA102S Datasheet HTML 9Page - ATMEL Corporation AT88SA102S Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Atmel AT88SA102S [DATASHEET]
6
8584G
−CRYPTO−9/11
2.
IO Protocol
Communications to and from the AT88SA102S take place over a single asynchronously timed wire using a pulse count
scheme. The overall communications structure is a hierarchy:
Table 2-1.
IO Hierarchy
Tokens
Implement a single data bit transmitted on the bus, or the wake-up event.
Flags
Comprised of eight tokens (bits) which convey the direction and meaning of the next group of bits (if any)
which may be transmitted.
Blocks
Of data follow the command and Transmit flags. They incorporate both a byte count and a checksum to
ensure proper data transmission.
Packets
Of bytes form the core of the block without the count and CRC. They are either the input or output parameters
of an Atmel AT88SA102S command or status information from the Atmel AT88SA102S.
See applications notes on the Atmel website for more details on how to use any microprocessor to easily generate the
signaling necessary to send these values to the chip.
2.1
IO Tokens
There are a number of IO tokens
Input: (To AT88SA102S)
that may be transmitted along the bus:
Wake
Wake AT88SA102S up from sleep (low power) state
Zero
Send a single bit from system to AT88SA102S with a value of zero
One
Send a single bit from system to AT88SA102S with a value of one
Output: (From AT88SA102S)
ZeroOut
Send a single bit from AT88SA102S to the system with a value of zero
OneOut
Send a single bit from AT88SA102S to the system with a value of one
The waveforms are the same in either direction, however there are some differences in timing based on the expectation that
the host has a very accurate and consistent clock while AT88SA102S has significant part to part variability in its internal clock
generator due to normal manufacturing and environmental fluctuations.
The bit timings are designed to permit a standard UART running at 230.4K baud to transmit and receive the tokens efficiently.
Each byte transmitted or received by the UART corresponds to a single bit received or transmitted by AT88SA102S. See
applications notes on the Atmel website for more details.


Similar Part No. - AT88SA102S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA102S ATMEL-AT88SA102S Datasheet
194Kb / 24P
   CryptoAuthentication
AT88SA102S-SH-T ATMEL-AT88SA102S-SH-T Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA102S-TH-T ATMEL-AT88SA102S-TH-T Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA102S-TSU-T ATMEL-AT88SA102S-TSU-T Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
More results

Similar Description - AT88SA102S

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SA100S ATMEL-AT88SA100S_11 Datasheet
240Kb / 24P
   Atmel CryptoAuthentication Battery Authentication Chip
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_11 Datasheet
248Kb / 25P
   Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
   Atmel CryptoAuthentication
AT88SA10HS ATMEL-AT88SA10HS_10 Datasheet
282Kb / 23P
   Atmel CryptoAuthentication Host Security Chip
ATSHA204 ATMEL-ATSHA204_14 Datasheet
1Mb / 80P
   Atmel CryptoAuthentication
AT88SA102S ATMEL-AT88SA102S_10 Datasheet
262Kb / 24P
   Atmel CryptoAuthentication
AT88CK454BLACK ATMEL-AT88CK454BLACK Datasheet
359Kb / 7P
   Atmel CryptoAuthentication Evaluation Kit
AT88CK9000 ATMEL-AT88CK9000 Datasheet
2Mb / 14P
   Atmel Secure Personalization Kit for CryptoAuthentication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com