Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT97SC3204 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT97SC3204
Description  Trusted Platform Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3204 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT97SC3204 Datasheet HTML 1Page - ATMEL Corporation AT97SC3204 Datasheet HTML 2Page - ATMEL Corporation AT97SC3204 Datasheet HTML 3Page - ATMEL Corporation AT97SC3204 Datasheet HTML 4Page - ATMEL Corporation AT97SC3204 Datasheet HTML 5Page - ATMEL Corporation AT97SC3204 Datasheet HTML 6Page - ATMEL Corporation AT97SC3204 Datasheet HTML 7Page - ATMEL Corporation AT97SC3204 Datasheet HTML 8Page - ATMEL Corporation AT97SC3204 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Atmel AT24C256C
5294BS–TPM–9/10
Table 1-1.
Pin Configurations
Pin Name
Function
V
CC
3.3V Supply Voltage
SB3V
Standby 3.3V Supply Voltage
GND
Ground
LRESET#
PCI Reset Input Active Low
LAD0
LPC Command, Address, Data Line Input/Output
LAD1
LPC Command, Address, Data Line Input/Output
LAD2
LPC Command, Address, Data Line Input/Output
LAD3
LPC Command, Address, Data Line Input/Output
LCLK
33MHz PCI Clock Input
LFRAME#
LPC FRAME Input
CLKRUN#
PCI Clock Run Input/Output
LPCPD#
LPC Power Down Input
SERIQ
Serialized Interrupt Request Input/Output
GPIO6
General Purpose Input/Output
TestI
Test Input (disabled)
TestBI
Test Input (disabled)
ATest
Atmel Test Pin
NC
No Connect
NBO
Not Bounded out


Similar Part No. - AT97SC3204

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3204 ATMEL-AT97SC3204_14 Datasheet
300Kb / 8P
   Trusted Platform Module LPC Interface
More results

Similar Description - AT97SC3204

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
   Trusted Platform Module
Revision 1.4 2018-12-07
SLB9665 INFINEON-SLB9665 Datasheet
934Kb / 24P
   Trusted Platform Module
Revision 1.0, 2015-10-27
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com