Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC1616C-SH Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT88SC1616C-SH
Description  Atmel CryptoMemory, 16Kbit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1616C-SH Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT88SC1616C-SH Datasheet HTML 6Page - ATMEL Corporation AT88SC1616C-SH Datasheet HTML 7Page - ATMEL Corporation AT88SC1616C-SH Datasheet HTML 8Page - ATMEL Corporation AT88SC1616C-SH Datasheet HTML 9Page - ATMEL Corporation AT88SC1616C-SH Datasheet HTML 10Page - ATMEL Corporation AT88SC1616C-SH Datasheet HTML 11Page - ATMEL Corporation AT88SC1616C-SH Datasheet HTML 12Page - ATMEL Corporation AT88SC1616C-SH Datasheet HTML 13Page - ATMEL Corporation AT88SC1616C-SH Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Atmel AT88SC1616C [SUMMARY DATASHEET]
2030LS
−CRYPTO−12/11
10
8.
Security Fuses
There are three fuses on the device that must be blown during the device personalization process. Each fuse locks certain
portions of the configuration memory as OTP memory. Fuses are designed for the module manufacturer, card manufacturer
and card issuer and should be blown in sequence, although all programming of the device and blowing of the fuses may be
performed at one final step.
9.
Protocol Selection
The AT88SC1616C supports two different communication protocols.
Smart Card Applications:
The asynchronous T = 0 protocol defined by ISO 7816-3 is used for compatibility with the industry’s standard smart
card readers
Embedded Applications:
A two-wire serial interface is used for fast and efficient communication with logic or controllers
The power-up sequence determines which of the two communication protocols will be used.
9.1
Asynchronous T = 0 Protocol
This power-up sequence complies with ISO 7816-3 for a cold reset in smart card applications.
V
CC goes high; RST, I/O-SDA and CLK-SCL are low
Set I/O-SDA in receive mode
Provide a clock signal to CLK-SCL
RST goes high after 400 clock cycles
The device will respond with a 64-bit ATR code, including historical bytes to indicate the memory density within the
CryptoMemory family. Once the asynchronous mode has been selected, it is not possible to switch to the synchronous mode
without powering off the device.
Figure 9-1.
Asynchronous T = 0 Protocol (Gemplus Patent)
Vcc
I/O-SDA
RST
CLK-SCL
ATR


Similar Part No. - AT88SC1616C-SH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616C-SU ATMEL-AT88SC1616C-SU Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C-SU ATMEL-AT88SC1616C-SU Datasheet
209Kb / 20P
   CryptoMemory 16 Kbit
More results

Similar Description - AT88SC1616C-SH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_14 Datasheet
442Kb / 24P
   Atmel CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_11 Datasheet
304Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA-SH ATMEL-AT88SC0104CA-SH Datasheet
664Kb / 66P
   Atmel CryptoMemory Specification Datasheet
AT88SC0808C ATMEL-AT88SC0808C_14 Datasheet
367Kb / 21P
   Atmel CryptoMemory, 8-Kbit
AT88SC0104C ATMEL-AT88SC0104C_14 Datasheet
365Kb / 21P
   Atmel CryptoMemory, 1-Kbit
AT88SC0404C ATMEL-AT88SC0404C_14 Datasheet
369Kb / 21P
   Atmel CryptoMemory, 4-Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com