Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC1616C Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT88SC1616C
Description  Atmel CryptoMemory, 16Kbit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1616C Datasheet(HTML) 3 Page - ATMEL Corporation

  AT88SC1616C Datasheet HTML 1Page - ATMEL Corporation AT88SC1616C Datasheet HTML 2Page - ATMEL Corporation AT88SC1616C Datasheet HTML 3Page - ATMEL Corporation AT88SC1616C Datasheet HTML 4Page - ATMEL Corporation AT88SC1616C Datasheet HTML 5Page - ATMEL Corporation AT88SC1616C Datasheet HTML 6Page - ATMEL Corporation AT88SC1616C Datasheet HTML 7Page - ATMEL Corporation AT88SC1616C Datasheet HTML 8Page - ATMEL Corporation AT88SC1616C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Atmel AT88SC1616C [SUMMARY DATASHEET]
2030LS
−CRYPTO−12/11
3
Figure 1-1.
Block Diagram
Random
Generator
Authentication,
Encryption and
Certification Unit
EEPROM
Answer to Reset
Data Transfer
Password
Verification
Reset Block
Asynchronous
ISO Interface
Synchronous
Interface
Power
Management
V
CC
GND
SCL/CLK
SDA/IO
RST
2.
Pin Descriptions
2.1
Supply Voltage (VCC)
The VCC input is a 2.7V to 5.5V positive voltage supplied by the host.
2.2
Clock (SCL/CLK)
In the asynchronous T = 0 protocol, the SCL/CLK input is used to provide the device with a carrier frequency f. The nominal
length of one bit emitted on I/O is defined as an “elementary time unit” (ETU) and is equal to 372/f. When the synchronous
protocol is used, the SCL/CLK input is used to positive edge clock data into the device and negative edge clock data out of the
device.
2.3
Reset (RST)
The AT88SC1616C provides an ISO 7816-3 compliant asynchronous answer to reset sequence. When the reset sequence is
activated, the device will output the data programmed into the 64-bit answer-to-reset register. An internal pull-up on the RST
input pad allows the device to be used in synchronous mode without bonding RST. The AT88SC1616C does not support the
synchronous answer-to-reset sequence.
2.4
Serial Data (SDA/IO)
The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wired with any number of other
open drain or open collector devices. An external pull-up resistor should be connected between SDA and VCC. The value of
this resistor and the system capacitance loading the SDA bus will determine the rise time of SDA. This rise time will determine
the maximum frequency during read operations. Low value pull-up resistors will allow higher frequency operations while
drawing higher average power. SDA/IO information applies to both asynchronous and synchronous protocols.
When the synchronous protocol is used, the SCL/CLK input is used to positive edge clock data into the device and negative
edge clock data out of the device.


Similar Part No. - AT88SC1616C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616C ATMEL-AT88SC1616C Datasheet
176Kb / 11P
   8 x 128 x 16 CryptoMemory?
AT88SC1616C ATMEL-AT88SC1616C Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C ATMEL-AT88SC1616C Datasheet
1Mb / 58P
   CryptoMemory Specification For Standard Mode of Operation
AT88SC1616C-MJ ATMEL-AT88SC1616C-MJ Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C-MJ ATMEL-AT88SC1616C-MJ Datasheet
209Kb / 20P
   CryptoMemory 16 Kbit
More results

Similar Description - AT88SC1616C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0204CA ATMEL-AT88SC0204CA_11 Datasheet
307Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_14 Datasheet
442Kb / 24P
   Atmel CryptoMemory
AT88SC0808CA ATMEL-AT88SC0808CA_11 Datasheet
304Kb / 23P
   Atmel CryptoMemory
AT88SC0104CA-SH ATMEL-AT88SC0104CA-SH Datasheet
664Kb / 66P
   Atmel CryptoMemory Specification Datasheet
AT88SC0808C ATMEL-AT88SC0808C_14 Datasheet
367Kb / 21P
   Atmel CryptoMemory, 8-Kbit
AT88SC0104C ATMEL-AT88SC0104C_14 Datasheet
365Kb / 21P
   Atmel CryptoMemory, 1-Kbit
AT88SC0404C ATMEL-AT88SC0404C_14 Datasheet
369Kb / 21P
   Atmel CryptoMemory, 4-Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com