Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD37 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD37
Description  Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD37 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD37 Datasheet HTML 5Page - Texas Instruments SN65HVD37 Datasheet HTML 6Page - Texas Instruments SN65HVD37 Datasheet HTML 7Page - Texas Instruments SN65HVD37 Datasheet HTML 8Page - Texas Instruments SN65HVD37 Datasheet HTML 9Page - Texas Instruments SN65HVD37 Datasheet HTML 10Page - Texas Instruments SN65HVD37 Datasheet HTML 11Page - Texas Instruments SN65HVD37 Datasheet HTML 12Page - Texas Instruments SN65HVD37 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
3.5
5.5
6.0
6.5
7.0
7.5
-40
-20
0
20
40
60
80
T - Free-Air Temperature -° C
A
V
= 3.3 V
CC
V
= 3 V
CC
5.0
4.5
4.0
V
= 3.6 V
CC
V
= 3.6 V,
R = 54,
C = 50 pF
CC
L
L
Master Node
Slave Node
Slave Node
Slave Node
SN65HVD37
www.ti.com
SLLSE92 A
– OCTOBER 2011 – REVISED NOVEMBER 2011
TYPICAL CHARACTERISTICS (continued)
DRIVER RISE/FALL TIME
vs
FREE-AIR TEMPERATURE
Figure 13.
Figure 14. Example Full-Duplex Master/Slave Application Circuit
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65HVD37


Similar Part No. - SN65HVD37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37 TI-SN65HVD37 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI-SN65HVD37 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI-SN65HVD37 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD37 TI1-SN65HVD37 Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results

Similar Description - SN65HVD37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37_1207 TI1-SN65HVD37_1207 Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
logo
Exar Corporation
SP3485 EXAR-SP3485 Datasheet
447Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com