Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD37DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD37DR
Description  Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD37DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD37DR Datasheet HTML 6Page - Texas Instruments SN65HVD37DR Datasheet HTML 7Page - Texas Instruments SN65HVD37DR Datasheet HTML 8Page - Texas Instruments SN65HVD37DR Datasheet HTML 9Page - Texas Instruments SN65HVD37DR Datasheet HTML 10Page - Texas Instruments SN65HVD37DR Datasheet HTML 11Page - Texas Instruments SN65HVD37DR Datasheet HTML 12Page - Texas Instruments SN65HVD37DR Datasheet HTML 13Page - Texas Instruments SN65HVD37DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SN65HVD37
SLLSE92 A
– OCTOBER 2011 – REVISED NOVEMBER 2011
www.ti.com
APPLICATION INFORMATION
RECEIVER FAILSAFE
The differential receiver is
“failsafe” to invalid bus states caused by:
open bus conditions such as a disconnected connector,
shorted bus conditions such as cable damage shorting the twisted-pair together,
or idle bus conditions that occur when no driver on the bus is actively driving.
In any of these cases, the differential receiver outputs a failsafe logic High state, so that the output of the
receiver is not indeterminate.
In the HVD37, receiver failsafe is accomplished by offsetting the receiver thresholds so that the
“input
indeterminate
” range does not include zero volts differential. In order to comply with the RS-422 and RS-485
standards, the receiver output must output a High when the differential input VID is more positive than 200 mV,
and must output a Low when the VID is more negative than -200 mV. The receiver parameters which determine
the failsafe performance are VIT+ and VIT- and VHYS. In the Electrical Characteristics table, VIT- has a typical value
of -120 mV and a minimum (most negative) value of -200 mV, so differential signals more negative than -200 mV
will always cause a Low receiver output. Similarly, differential signals more positive than 200 mV will always
cause a High receiver output, because the typical value of VIT+ is -60mV, and VIT+ is never more positive than
-20 mV under any conditions of temperature, supply voltage, or common-mode offset.
When the differential input signal is close to zero, it will still be above the VIT+ threshold, and the receiver output
will be High. Only when the differential input is more negative than VIT- will the receiver output transition to a Low
state. So, the noise immunity of the receiver inputs during a bus fault condition includes the receiver hysteresis
value VHYS (the separation between VIT+ and VIT- ) as well as the value of VIT+.
For the HVD37, the typical noise immunity is about 120 mV, which is the negative noise level needed to exceed
the VIT- threshold (VIT- TYP = -120 mV). In the worst case, the failsafe noise immunity is never less than 50 mV,
which is set by the maximum positive threshold (VIT+ MAX = -20mV) plus the minimum hysteresis voltage (VHYS
MIN = 30 mV).
HOT-PLUGGING
These devices are designed to operate in
“hot swap” or “hot pluggable” applications. Key features for
hot-pluggable applications are power-up, power-down glitch free operation, default disabled input/output pins,
and receiver failsafe. An internal Power-On Reset circuit keeps the driver outputs in a high-impedance state until
the supply voltage has reached a level at which the device will reliably operate. This ensures that no spurious
transitions (glitches) will occur on the bus pin outputs as the power supply turns on or turns off.
As shown in the device FUNCTION TABLE, the ENABLE inputs have the feature of default disable on both the
driver enable and receiver enable. This ensures that the device will neither drive the bus nor report data on the R
pin until the associated controller actively drives the enable pins.
LOW POWER STANDBY MODE
As is customary with RS-485 devices, the receiver output is directly enabled/disabled by RE, and the driver
outputs are directly enabled/disabled by DE.
When both the driver and receiver are disabled, (DE=LO and RE=HI) the receiver differential comparator stage
enters a standby mode for reduced power.
When either the Driver or Receiver is enabled, the receiver differential comparator stage is enabled for fast
response to signal changes.
SPACER
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD37


Similar Part No. - SN65HVD37DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37DR TI1-SN65HVD37DR Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
More results

Similar Description - SN65HVD37DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD37_1207 TI1-SN65HVD37_1207 Datasheet
715Kb / 16P
[Old version datasheet]   Low-Power 3.3V-Supply Full-Duplex RS-485 Driver/Receiver
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
logo
Exar Corporation
SP3485 EXAR-SP3485 Datasheet
447Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com