Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2260A1-0103-20M0 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # C2260A1-0103-20M0
Description  Nominal frequency (f0)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C2260A1-0103-20M0 Datasheet(HTML) 4 Page - Vectron International, Inc

  C2260A1-0103-20M0 Datasheet HTML 1Page - Vectron International, Inc C2260A1-0103-20M0 Datasheet HTML 2Page - Vectron International, Inc C2260A1-0103-20M0 Datasheet HTML 3Page - Vectron International, Inc C2260A1-0103-20M0 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C2260A1-0103
TCXO
www.vectron.com
modified 2009-07-07 Index : 16
printed 2011-11-29 • page 4 of 4
Vectron International • Product Specifications C2260A1-0103
Standard shipping method
Tape width W [mm]
Quantity per meter
Quantity per reel
P [mm]
A [mm]
B [mm]
K [mm]
16
125
750
8
5.4
7.4
2.7
Notes:
Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage,
frequency control voltage, load, temperature (25°C) .
Subject to technical modification.


Similar Part No. - C2260A1-0103-20M0

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2260A1-0108 VECTRON-C2260A1-0108 Datasheet
67Kb / 4P
   Nominal frequency (f0)
More results

Similar Description - C2260A1-0103-20M0

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2260A1-0032-12M8 VECTRON-C2260A1-0032-12M8 Datasheet
238Kb / 4P
   Nominal frequency (f0)
C2260A1-0235-12M8 VECTRON-C2260A1-0235-12M8 Datasheet
312Kb / 4P
   Nominal frequency (f0)
TX-704-0004-20M0 VECTRON-TX-704-0004-20M0 Datasheet
321Kb / 5P
   Nominal frequency (f0)
C2260A1-0093-12M8 VECTRON-C2260A1-0093-12M8 Datasheet
237Kb / 4P
   Nominal frequency (f0)
C2260A1-0234-12M8 VECTRON-C2260A1-0234-12M8 Datasheet
321Kb / 5P
   Nominal frequency (f0)
C2260A1-0029 VECTRON-C2260A1-0029_08 Datasheet
68Kb / 4P
   Nominal frequency (f0)
C2260A1-0032 VECTRON-C2260A1-0032_09 Datasheet
94Kb / 5P
   Nominal frequency (f0)
C2260A1-0015 VECTRON-C2260A1-0015_08 Datasheet
67Kb / 4P
   Nominal frequency (f0)
C2260A1-0021-20M0 VECTRON-C2260A1-0021-20M0 Datasheet
238Kb / 4P
   Nominal frequency (f0)
C2260A1-0021 VECTRON-C2260A1-0021_08 Datasheet
69Kb / 5P
   Nominal frequency (f0)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com