Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2260A1-0234-12M8 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # C2260A1-0234-12M8
Description  Nominal frequency (f0)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C2260A1-0234-12M8 Datasheet(HTML) 1 Page - Vectron International, Inc

  C2260A1-0234-12M8 Datasheet HTML 1Page - Vectron International, Inc C2260A1-0234-12M8 Datasheet HTML 2Page - Vectron International, Inc C2260A1-0234-12M8 Datasheet HTML 3Page - Vectron International, Inc C2260A1-0234-12M8 Datasheet HTML 4Page - Vectron International, Inc C2260A1-0234-12M8 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
C2260A1-0234-12M8
TCXO
www.vectron.com
modified 2011-03-09 Index : 2
printed 2011-06-03 • page 1 of 5
Vectron International • Product Specifications C2260A1-0234
Nominal frequency (f0)
12.8 MHz
Frequency stabilities
Parameter
Frequency stability
Operating temp. range
Over all (df/f0)
-4.6 to 4.6 ppm
vs. operating temp. range (df/f@25 °C)
-0.28 to 0.28 ppm
-40 ... 85 °C
Parameter
Value
Condition
initial tolerance (df/f0)
-1 to 1 ppm
@25 °C
vs. supply voltage change (df/f)
-0.2 to 0.2 ppm
static; 3.3 V ±5 %
vs. load change (df/f)
-0.2 to 0.2 ppm
static; Load ± 10 %
Holdover 24 h
± 0.32 ppm
incl. temp. stab. -40...+85°C
overall incl.: initial, temp.-40..+85°C, supply, load var. and aging 20 years
RF output
Parameter
Value
Condition
Signal
LVCMOS
Load
15 pF ±10 %
Fan out
3
Rise Time
< 8 ns
@ 10 to 90 %Vout
Fall Time
< 8 ns
@ 90 to 10 %Vout
Duty cycle
45 / 55 %
@ 1.65 V
V Low
x < 0.33 V
V High
x > 2.97 V
Enable function
Enable Function
output
Pin 8
Pin 5
high
data
open
data
low
no data
Supply voltage
Parameter
Value
Condition
Supply voltage (Vs)
3.3 V ± 5 %
Current consumption steady state
< 10 mA
@ Vsnom & 25 °C
Additional Parameters
Parameter
Typ.
Max.
Condition
Phase Noise
-70
dBc/Hz@10Hz
-100
dBc/Hz@100Hz
-130
dBc/Hz@1000Hz
-145
dBc/Hz@10kHz
-150
dBc/Hz@100kHz
Parameter
Value
Condition
Jitter
< 1.00 psec (RMS)
@ 12 kHz to 20 MHz
Start-up time
< 10 ms
Additional information
This SMD oscillator is designed only for pick and place/reflow soldering
process. Manual soldering may damage the part and therefore not
recommended for the mounting of this oscillator.
Processing & Packing
handling&processing note
Additional environmental conditions
Vibration
MIL-STD-883E; Method 2007.3; test condition A
Shock
MIL-STD-883E; Method 2002.4; test condition B
Sealing test A
nicht dicht (not hermetically sealed)
Solderability
DIN IEC 68 T2-20 (Ta); and MIL-STD-883E; Method 2003
100% RoHS 6 compliant


Similar Part No. - C2260A1-0234-12M8

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2260A1-0235-12M8 VECTRON-C2260A1-0235-12M8 Datasheet
312Kb / 4P
   Nominal frequency (f0)
C2260A1-0237-20M0 VECTRON-C2260A1-0237-20M0 Datasheet
312Kb / 4P
   Nominal frequency (f0)
C2260A1-0238 VECTRON-C2260A1-0238 Datasheet
312Kb / 4P
   Nominal frequency (f0)
More results

Similar Description - C2260A1-0234-12M8

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2260A1-0032-12M8 VECTRON-C2260A1-0032-12M8 Datasheet
238Kb / 4P
   Nominal frequency (f0)
C2260A1-0235-12M8 VECTRON-C2260A1-0235-12M8 Datasheet
312Kb / 4P
   Nominal frequency (f0)
C2260A1-0103-20M0 VECTRON-C2260A1-0103-20M0 Datasheet
238Kb / 4P
   Nominal frequency (f0)
TX-704-0004-20M0 VECTRON-TX-704-0004-20M0 Datasheet
321Kb / 5P
   Nominal frequency (f0)
C2260A1-0093-12M8 VECTRON-C2260A1-0093-12M8 Datasheet
237Kb / 4P
   Nominal frequency (f0)
C2260A1-0029 VECTRON-C2260A1-0029_08 Datasheet
68Kb / 4P
   Nominal frequency (f0)
C2260A1-0032 VECTRON-C2260A1-0032_09 Datasheet
94Kb / 5P
   Nominal frequency (f0)
C2260A1-0015 VECTRON-C2260A1-0015_08 Datasheet
67Kb / 4P
   Nominal frequency (f0)
C2260A1-0021-20M0 VECTRON-C2260A1-0021-20M0 Datasheet
238Kb / 4P
   Nominal frequency (f0)
C2260A1-0021 VECTRON-C2260A1-0021_08 Datasheet
69Kb / 5P
   Nominal frequency (f0)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com