Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VX-990 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VX-990
Description  Voltage Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-990 Datasheet(HTML) 5 Page - Vectron International, Inc

  VX-990_11 Datasheet HTML 1Page - Vectron International, Inc VX-990_11 Datasheet HTML 2Page - Vectron International, Inc VX-990_11 Datasheet HTML 3Page - Vectron International, Inc VX-990_11 Datasheet HTML 4Page - Vectron International, Inc VX-990_11 Datasheet HTML 5Page - Vectron International, Inc VX-990_11 Datasheet HTML 6Page - Vectron International, Inc VX-990_11 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 5 of 7
Calculation equation according to Vig-Tutorial
g-sensitivity:
Peak g-level:
Vibration spectrum
0,0001
0,001
0,01
0,1
10
100
1.000
10.000
Frequency [Hz]
G-Sensitivity: VX-990
120MHz;
0,06g
2/Hz
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
1,00
10
100
1.000
Frequency [Hz]
X-Axis
Y-Axis
Z-Axis
Total
Phase noise: VX-990;
120MHz; 0,06g
2/Hz
-140
-130
-120
-110
-100
-90
-80
-70
-60
10
100
1.000
Offset Frequency [Hz]
X-Axis
Y-Axis
Z-Axis
Z
Oscillator
X
Y
20
)
(
0
10
2
fv
L
v
f
Apeak
f
G
Comments:
Measured without shock absorbers
2
PSD
A peak
Quarz
Typical G-Sensitivity @120 MHz without shock absorber
Typical Frequency Stability vs Temperature


Similar Part No. - VX-990_11

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-990 VECTRON-VX-990 Datasheet
458Kb / 6P
   Voltage Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
More results

Similar Description - VX-990_11

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-990 VECTRON-VX-990 Datasheet
458Kb / 6P
   Voltage Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
OX-990 VECTRON-OX-990_14 Datasheet
752Kb / 8P
   Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
OX-990 VECTRON-OX-990 Datasheet
667Kb / 8P
   Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
PX-990 VECTRON-PX-990 Datasheet
284Kb / 6P
   Crystal Oscillator Ultra Low Noise and G-Sensitivity
VX-508 VECTRON-VX-508 Datasheet
234Kb / 6P
   Voltage Controlled Crystal Oscillator Low G-Sensitivity
OX-080 VECTRON-OX-080 Datasheet
652Kb / 5P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-043 VECTRON-OX-043_14 Datasheet
705Kb / 6P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-080 VECTRON-OX-080_14 Datasheet
721Kb / 5P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-043 VECTRON-OX-043_17 Datasheet
828Kb / 6P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-046 VECTRON-OX-046_14 Datasheet
705Kb / 5P
   VHF low g-Sensitivity Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com