Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7024A-2 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT7024A-2
Description  TinyPowerTM Voltage Detector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7024A-2 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT7024A-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7024A-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7024A-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7024A-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7024A-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7024A-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7024A-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7024A-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7024A-2 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HT70xxA-2
Rev. 1.00
8
February 10, 2012
· with 5V voltage regulator
Change of Detectable Voltage
If the required voltage is not found in the standard
product selection table, it is possible to change it by
using external resistance dividers or diodes.
· Varying the detectable voltage with a resistance di-
vider
Detectable voltage =
R+ R
R
AB
B
´ VDET
Hysteresis width =
R+ R
R
AB
B
´ VHYS
· Varying the detectable voltage with a diode
Detectable Voltage = Vf1+Vf2+VDET
Malfunction Analysis
The following circuit demonstrates the way a circuit
analyzes malfunctions by monitoring the variation or
spike noise of power supply voltage.
Charge Monitoring Circuit
The following circuit shows a charged monitor for
protection against battery deterioration by
overcharging. When the voltage of the battery is higher
than the set detectable voltage, the transistor turns on to
bypass the charge current, protecting the battery from
overcharging.
H T 7 0 4 4 A - 2
V S S
V D D
H T 7 1 5 0 - 1
V O U T
V I N
G N D
5 V
5 V V o l t a g e r e g u l a t o r
H T 7 0 X X A - 2
V S S
V I N
V S S
V O U T
V D D
R A
R B
H T 7 0 X X A - 2
V D D
V I N
V S S
V f 1
V f 2
V O U T
V S S
H T 7 0 X X A - 2
V O U T
V S S
V D D
V S S
H T 7 0 X X A - 2
V D D
V O U T
V S S
L o a d
B A T T
S o l a r
C e l l
T r


Similar Part No. - HT7024A-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7024A-2 HOLTEK-HT7024A-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
More results

Similar Description - HT7024A-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT70XXA-3 HOLTEK-HT70XXA-3 Datasheet
1Mb / 15P
   TinyPowerTM Voltage Detector
HT70XXA-2 HOLTEK-HT70XXA-2 Datasheet
144Kb / 17P
   TinyPowerTM Voltage Detector
HT70XXA-1 HOLTEK-HT70XXA-1_13 Datasheet
558Kb / 15P
   TinyPowerTM Voltage Detector
HT72XX HOLTEK-HT72XX Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7321-1 HOLTEK-HT7321-1 Datasheet
2Mb / 16P
   30V, 250mA TinyPowerTM LDO
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com