Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7727S Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT7727S
Description  100mA PFM Synchronous Step-up DC/DC Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7727S Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT7727S Datasheet HTML 3Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 4Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 5Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 6Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 7Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 8Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 9Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 10Page - Holtek Semiconductor Inc HT7727S Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Rev. 1.00
7
February 22, 2012
HT77xxS
Typical Performance Characteristics
(L use wire wound chip power inductor)
HT7750S
2
2.8
3.6
4.4
5.2
6
0
50
100
150
200
250
300
Output Current (mA)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=1.2V
Fig 1. HT7750S Output Voltage vs. Output Current
0%
20%
40%
60%
80%
100%
0
50
100
150
200
250
300
Output Current (mA)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=1.2V
Fig 2. HT7750S Efficiency vs. Output Current
0
0.3
0.6
0.9
1.2
0
5
10
15
20
Output Current (mA)
Start-up
Hold-on
Fig 3. HT7750S Start-up & Hold-on Voltage
0
50
100
150
200
250
0
50
100
150
200
250
300
Output Current (mA)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=1.2V
Fig 4. HT7750S Ripple Voltage vs. Output Current
Fig 5. HT7750S Load Transient Response
(L= 10μH, CIN= COUT= 10μF, VIN= 3.0V)
Fig 6. HT7750S Line Transient Response
(L= 10μH, CIN= COUT= 10μF, VIN= 3.0V)


Similar Part No. - HT7727S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7727S HOLTEK-HT7727S Datasheet
1Mb / 25P
   100mA PFM Synchronous Step-up DC/DC Converter
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
   200mA PFM Synchronous Step-up DC/DC Converter
More results

Similar Description - HT7727S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
   100mA PFM Synchronous Step-up DC/DC Converter
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
Holtek Semiconductor In...
HT7718 HOLTEK-HT7718_16 Datasheet
406Kb / 16P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7718 HOLTEK-HT7718_10 Datasheet
474Kb / 19P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
   200mA PFM Synchronous Step-up DC/DC Converter
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com