Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16528 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT16528
Description  Dot Character VFD Controller & Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16528 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT16528 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16528 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
BlockDiagram
PinAssignment
HT16528
Rev.1.10
2
July5,2011
T E S T O
T E S T I
R L 2
R L 1
D L S
D S 1
D S 0
M P U
I M
C S
R S , S T
R , W ( W R )
E ( R D ) , S C K
S I , S O
D B 0 ~ D B 3
D B 4 ~ D B 7
O S C I
O S C O
X O U T
4
4
R E S E T
8
8
7
I n s t r u c t i o n
R e g i s t e r ( I R )
I n s t r u c t i o n
D e c o r d e r
A d d r e s s
C o u n t e r
D D R A M
( 8 0 x 8 B i t s )
7
T i m i n g
G e n e r a t o r
7
2 4
2 4
2 4 - B i t S h i f t
R e g i s t e r
4
G r i d D r i v e r
G 1
G 2 4
8
C r u s o r B l i n k C i r c u i t
S e g m e n t
D r i v e r
S 1
S 8 0
8
8
7
7
C G R O M
( 2 4 8 x 5 x 8 B i t s )
8
8
D a t a R e g i s t e r
( D R )
7
P a r a l l e l t o S e r i a l
D a t a C o n v e r t e r
C G R A M
( 8 x 5 x 8 B i t s )
5
8 0 - B i t O u t p u t
L a t c h & R e g i s t e r
8 0
5
R E S E T
C i r c u i t
O S C
V D D L G N D V H P G N D
S D O , S L K , C L , L E
I / O
I n t e r f a c e
114 4
3 6
1 0 910 8
7 3
3 7
7 2
N C
S 7 1
S 7 2
S 7 3
S 7 4
S 7 5
S 7 6
S 7 7
S 7 8
S 7 9
S 8 0
G 2 4
G 2 3
G 2 2
G 2 1
G 2 0
G 1 9
G 1 8
G 1 7
G 1 6
G 1 5
G 1 4
G 1 3
G 1 2
G 1 1
G 1 0
G 9
G 8
G 7
G 6
G 5
G 4
G 3
G 2
G 1
N C
N C
S 3 4
S 3 3
S 3 2
S 3 1
S 3 0
S 2 9
S 2 8
S 2 7
S 2 6
S 2 5
S 2 4
S 2 3
S 2 2
S 2 1
S 2 0
S 1 9
S 1 8
S 1 7
S 1 6
S 1 5
S 1 4
S 1 3
S 1 2
S 1 1
S 1 0
S 9
S 8
S 7
S 6
S 5
S 4
S 3
S 2
S 1
N C
H T 1 6 5 2 8
1 4 4 L Q F P - A


Similar Part No. - HT16528

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
   5x7 Dot Character VFD Controller & Driver
HT16523-002 HOLTEK-HT16523-002 Datasheet
2Mb / 23P
   5x7 Dot Character VFD Controller & Driver
HT16523-003 HOLTEK-HT16523-003 Datasheet
2Mb / 23P
   5x7 Dot Character VFD Controller & Driver
HT16525 HOLTEK-HT16525 Datasheet
2Mb / 23P
   5x8 Dot Character VFD Controller & Driver
HT16525-001 HOLTEK-HT16525-001 Datasheet
2Mb / 23P
   5x8 Dot Character VFD Controller & Driver
More results

Similar Description - HT16528

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
   Dot Character VFD Controller & Driver
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
   DOT CHARACTER VFD CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16525 HOLTEK-HT16525 Datasheet
2Mb / 23P
   5x8 Dot Character VFD Controller & Driver
logo
Princeton Technology Co...
PT6314 PTC-PT6314 Datasheet
1Mb / 49P
   Dot Character VFD Controller/Driver IC
PT6314 PTC-PT6314_10 Datasheet
1Mb / 42P
   Dot Character VFD Controller/Driver IC
logo
Holtek Semiconductor In...
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
   5x7 Dot Character VFD Controller & Driver
logo
New Japan Radio
NJU3430 NJRC-NJU3430 Datasheet
742Kb / 18P
   16-CHARACTER 1-LINE DOT MATRIX VFD CONTROLLER DRIVER
logo
List of Unclassifed Man...
CU40025SCPB-W6J ETC2-CU40025SCPB-W6J Datasheet
80Kb / 1P
   5X7 Dot Character VFD Module
logo
Sanyo Semicon Device
LC75710NE SANYO-LC75710NE Datasheet
541Kb / 20P
   Dot Matrix VFD Display Controller/Driver
logo
List of Unclassifed Man...
CU16025ECPB-W6J ETC2-CU16025ECPB-W6J Datasheet
64Kb / 1P
   5X7 Dot Character VFD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com