Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT83020 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT83020
Description  Q-VoiceTM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83020 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT83020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83020 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
HT83XXX
Rev. 1.60
11
November 19, 2008
Data Memory
- RAM
The data memory is designed with 80
´8 bits. The data
memory is further divided into two functional groups,
namely, special function registers (00H~2AH) and general
purpose user data memory (30H~7FH). Although most of
them can be read or be written to, some are read only.
The general purpose data memory, addressed from
30H~7FH, is used for data and control information un-
der instruction commands.
The areas in the RAM can directly handle the arithmetic,
logic, increment, decrement and rotate operations. Ex-
cept some dedicated bits, each bit in the RAM can be
set and reset by
²SET [m].i² and ²CLR [m].i². They are
also indirectly accessible through the Memory Pointer
register 0 (MP0:01H).
Indirect Addressing Register
Location 00H is indirect addressing registers that are not
physically implemented. Any read/write operation of
[00H] accesses the RAM pointed to by MP0 (01H) re-
spectively. Reading location 00H indirectly returns the re-
sult 00H. While, writing it indirectly leads to no operation.
Accumulator
- ACC (05H)
The accumulator (ACC) is related to the ALU opera-
tions. It is also mapped to location 05H of the RAM and
is capable of operating with immediate data. The data
movement between two data memory locations must
pass through the ACC.
Arithmetic and Logic Unit
- ALU
This circuit performs 8-bit arithmetic and logic opera-
tions and provides the following functions:
· Arithmetic operations (ADD, ADC, SUB, SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ etc)
Status Register
- STATUS (0AH)
This 8-bit STATUS register (0AH) consists of a zero flag
(Z), carry flag (C), auxiliary carry flag (AC), overflow flag
(OV), power down flag (PDF), watchdog time-out flag
(TO). It also records the status information and controls
the operation sequence.
Except the TO and PDF flags, bits in the status register
can be altered by instructions similar to other registers.
Data written into the status register does not alter the TO
or PDF flags. Operations related to the status register,
however, may yield different results from those in-
tended. The TO and PDF flags can only be changed by
a Watchdog Timer overflow, chip power-up, or clearing
the Watchdog Timer and executing the
²HALT² instruc-
tion. The Z, OV, AC, and C flags reflect the status of the
latest operations.
On entering the interrupt sequence or executing the
subroutine call, the status register will not be automati-
cally pushed onto the stack. If the contents of the status
is important, and if the subroutine is likely to corrupt the
status register, the programmer should take precautions
and save it properly.
S p e c i a l P u r p o s e
D a t a M e m o r y
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
3 0 H
7 F H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 F H
: U n u s e d ,
r e a d a s " 0 "
M P 0
I A R 0
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R 0
T M R 0 C
T M R 1
T M R 1 C
P A
P A C
L A T C H 0 H
L A T C H 0 M
L A T C H 0 L
P W M H
L A T C H D
G e n e r a l P u r p o s e D a t a M e m o r y
P W M C R
P W M L
V o l u m e C o n t r o l R e g i s t e r ( V O L )
P B
P B C
RAM Mapping


Similar Part No. - HT83020

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83003 HOLTEK-HT83003 Datasheet
300Kb / 21P
   Q-Voice
HT83006 HOLTEK-HT83006 Datasheet
300Kb / 21P
   Q-Voice
HT83009 HOLTEK-HT83009 Datasheet
300Kb / 21P
   Q-Voice
HT83018 HOLTEK-HT83018 Datasheet
300Kb / 21P
   Q-Voice
HT83036 HOLTEK-HT83036 Datasheet
300Kb / 21P
   Q-Voice
More results

Similar Description - HT83020

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT84XXX HOLTEK-HT84XXX Datasheet
246Kb / 31P
   Magic VoiceTM
logo
ebm-papst
M4Q045-BD03-04 EBMPAPST-M4Q045-BD03-04 Datasheet
1Mb / 5P
   Q-MOTORS
logo
Holtek Semiconductor In...
HT83XXX HOLTEK-HT83XXX_07 Datasheet
269Kb / 39P
   Q-Voice
HT83XXX HOLTEK-HT83XXX Datasheet
300Kb / 21P
   Q-Voice
HT83R074 HOLTEK-HT83R074 Datasheet
263Kb / 38P
   Q-Voice
logo
Merrimac Industries, In...
IQF-4F-1500 MERRIMAC-IQF-4F-1500 Datasheet
89Kb / 1P
   I&Q NETWORK
IQF-20F-1200B MERRIMAC-IQF-20F-1200B Datasheet
234Kb / 1P
   I&Q NETWORKS
IQP-4R-10B MERRIMAC-IQP-4R-10B Datasheet
84Kb / 1P
   I&Q NETWORKS
IQF-20L-3B MERRIMAC-IQF-20L-3B Datasheet
44Kb / 1P
   I&Q NETWORKS
IQG-20E-20B MERRIMAC-IQG-20E-20B Datasheet
107Kb / 1P
   I&Q NETWORKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com