Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULP-150-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ULP-150-12
Description  150W U-Bracket Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ULP-150-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ULP-150-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ULP-150-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
APFC
POWER
SWITCH-
FILTER
&
SYNCHRONOUS
+V
I/P
FG
ING
CONVERTER
O.V.P.
BRIDGE
RECTIFIERS
-V
BlockDiagram
MechanicalSpecification
CaseNo.988Unit:mm
O.T.P.
U L P - 1 5 0 series
AC TerminalpinNO. Assignment
DC TerminalpinNO. Assignment
PinNo.
PinNo.
1
1
3
2
2
Assignment
Assignment
FG
V-
AC/N
V-
AC/L
150WU-BracketSingleOutputwithPFCFunction
FileName:ULP-150-SPEC2011-08-11
CONTROLLER
RECTIFIERS
3
4
V+
V+
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-30
0
10
20
30
40
50
60 65
70
20
40
60
80
100
(HORIZONTAL)
130
55
45
Mountwitha300*500*2mmheatsink
INPUTVOLTAGE(V)60Hz
90
100
110
135
155
230
295
100
90
80
70
60
50
40
100VAC
230VAC
4.5 4PL
3.5 4PL
194
208
215
201
211
33
1
2
3
1
2
3
4
7.5
3.5
3.5
Terminal
T31-C032033702
DECA
Terminal
T31-C032043702
DECA


Similar Part No. - ULP-150-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ULP-150-12 MEANWELL-ULP-150-12 Datasheet
293Kb / 2P
   150W U-Bracket Single Output with PFC Function
ULP-150-12 MEANWELL-ULP-150-12 Datasheet
286Kb / 2P
   150W U-Bracket Single Output with PFC Function
More results

Similar Description - ULP-150-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
USP-150-12 MEANWELL-USP-150-12 Datasheet
267Kb / 2P
   150W U-Bracket Single Output with PFC Function
ULP-150_1108 MEANWELL-ULP-150_1108 Datasheet
286Kb / 2P
   150W U-Bracket Single Output with PFC Function
ULP-150 MEANWELL-ULP-150 Datasheet
293Kb / 2P
   150W U-Bracket Single Output with PFC Function
USP-150 MEANWELL-USP-150 Datasheet
267Kb / 2P
   150W U-Bracket Single Output with PFC Function
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
logo
Astrodyne Corporation
SP150DRL ASTRODYNE-SP150DRL Datasheet
426Kb / 5P
   150W Single Output with PFC Function
logo
Mean Well Enterprises C...
ASP-150 MEANWELL-ASP-150_10 Datasheet
282Kb / 2P
   150W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com