Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPV-1500-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SPV-1500-48
Description  1500W Single Output Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SPV-1500-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SPV-1500-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SPV-1500-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SPV-1500-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SPV-1500-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
WORKINGTEMP.
ALARMSIGNAL OUTPUT
REMOTEON/OFFCONTROL
AUXILIARY POWER(AUX)
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
1500ms,100msatfullload
10msatfullload
90~264VAC127~370VDC
47~63Hz
17A/115VAC8A/230VAC
30A/115VAC60A/230VAC
<2.0mA /240VAC
105~135% ratedoutputpower
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
13.8~16.8V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
105
5
(TSW2)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
-20~+70
(Referto"DeratingCurve")
PleaseseetheFunctionManual
PleaseseetheFunctionManual
12V@0.1A(OnlyforRemoteON/OFFcontrol)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.05%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
109Khrsmin.MIL-HDBK-217F(25
)
278*127*83.5mm(L*W*H)
3.0Kg;4pcs/13Kg/1.19CUFT
86.5%
0.5%
0.5%
1.0%
14msatfullload
90%
30~34.8V
16msatfullload
90%
57.6~67.2V
150mVp-p
150mVp-p
200mVp-p
5%typicaladjustmentbyVR,20%~110%(typ.)adjustmentby1~6VDCexternalcontrolsignal
12V
24V
48V
125A
63A
32A
0~125A
0~63A
0~32A
1500W
1512W
1536W
SPV-1500-12
SPV-1500-24
SPV-1500-48
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:SPV-1500-SPEC2011-12-19
POWERFACTOR (Typ.)
0.95/230VAC0.98/115VACatfullload
SAFETY STANDARDS
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22), EN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms /500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note4)
PROTECTION
Universal AC input/Full range
ZVS new technology
AC input active surge current limiting
Built-in active PFC function,PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC ball bearing fan
High power density 8.3W/inch
Output voltage can be trimmed between 20% ~ 110% rated value
Current sharing up to 4500W(2+1)
Alarm signal output
Built-in 12V/0.1A auxiliary output for remote control
Built-in remote ON-OFF control
Built-in remote sense function
3 years warranty
3
Features :
1500WSingleOutputPowerSupply
S P V- 1 5 0 0 series
OUTPUTVOLTAGETRIM
4.8~28V
9.6~56V
2.4~13.2V
EMCIMMUNITY
EMCEMISSION


Similar Part No. - SPV-1500-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPV-1500-48 MEANWELL-SPV-1500-48 Datasheet
337Kb / 4P
   1500W Single Output Power Supply
SPV-1500-48 MEANWELL-SPV-1500-48 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
logo
Total Power Internation...
SPV-1500-48 TOTAL-POWER-SPV-1500-48 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results

Similar Description - SPV-1500-48

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP-1500 ASTRODYNE-RSP-1500 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
   1500W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-1500 MEANWELL-SE-1500_09 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
RSP-1500_1112 MEANWELL-RSP-1500_1112 Datasheet
310Kb / 4P
   1500W Single Output Power Supply
RSP-1500 MEANWELL-RSP-1500 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com