Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-100-48 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SP-100-48
Description  100W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SP-100-48 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SP-100-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SP-100-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:SP-100-SPEC2011-08-23
CaseNo.915A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
85
100
115
135
155
230
264
10
10
20
20
40
45
50
55
55
60
60
70
(HORIZONTAL)
(VERTICAL)
20
40
60
80
100
-10
-10
0
0
90
100
80
70
60
50
40
SP-100-12~48
SP-100-3.3~7.5
(With18CFMFAN)
SP-100-3.3
SP-100-5
SP-100-7.5
100WSingleOutputwithPFCFunction
S P - 1 0 0 series
BlockDiagram
PFCfosc:67KHz
PWMfosc:134KHz
PWM&PFC
CIRCUIT
DETECTION
EMIFILTER
RECTIFIERS
CIRCUIT
START
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
CN1
I/P
FG
CONTROL
O.V.P.
CONTROL
REMOTE
&
PFC
ACTIVE
CONSTANT
CURRENT
&
TerminalPinNo. Assignment
PinNo.
PinNo.
4,5
1
6,7
2
3
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
AC/L
AC/N
FG
RemoteON/OFF(CN1):JST S2B-XH orequivalent(optional)
PinNo.
1
2
Assignment
MatingHousing
JST XHP
orequivalent
Terminal
JST SXH-001T-P0.6
orequivalent
RC+
RC-
117
123
65
179
142
25
20
25
R.C.
+V ADJ.
60
5-M3L=3mm
4
1
2
3
5
6
7
2-M4L=5mm
25
LED
CN1
1
2
6-M4L=6mm
15
12max.


Similar Part No. - SP-100-48

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-100-48 TOTAL-POWER-SP-100-48 Datasheet
340Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP-100-48 ASTRODYNE-SP-100-48 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100-48 MEANWELL-SP-100-48 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100-48 RSG-SP-100-48 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100-48 MEANWELL-SP-100-48 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - SP-100-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
logo
XP Power Limited
LPP-100-3.3 XPPOWER-LPP-100-3.3 Datasheet
614Kb / 4P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100_10 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
HRP-100 MEANWELL-HRP-100_11 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com