Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE-450-24 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SE-450-24
Description  450W Single Output Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SE-450-24 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SE-450-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SE-450-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SE-450-3.3
SE-450-5
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
3.3V
5V
75A
75A
0~75A
0~75A
247.5W
375W
200mVp-p
200mVp-p
2.97~3.63V
4.5~5.5V
1500ms,50ms/230VAC1500ms,50ms/115VACatfullload
16ms/230VAC12ms/115VACatfullload
90~132VAC/180~264VACselectedbySW254~370VDC
47~63Hz
74%
78%
10A/115VAC6A/230VAC
35A/115VAC55A/230VAC
<2.5mA /240VAC
105~150% ratedoutputpower
3.8~4.6V
5.75~6.75V
13.8~16.2V
18~21V
32~36V
45~52V
57.6~67.2V
Protectiontype:Shutdowno/pvoltage,re-powerontorecovery
Protectiontype:Shutdowno/pvoltage,re-powerontorecovery
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
80
5
(3.3~12V),90
5
(15~48V)(TSW1)detectonheatsinkofpowertransistor
UL60950-1approved
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.05%/
(0~50
)
-10~+60
(Referto"DeratingCurve")
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
225*124*50mm(L*W*H)
1.25Kg;12PCS/16Kg/1CUFT
84%
86%
86%
88%
200mVp-p
13.5~16.5V
200mVp-p
21.6~28.5V
200mVp-p
32.4~39.6V
200mVp-p
43.2~52.8V
15V
30A
0~30A
450W
24V
18.8A
0~18.8A
451.2W
36V
12.5A
0~12.5A
450W
48V
9.4A
0~9.4A
451.2W
SE-450-15
SE-450-24
SE-450-36
SE-450-48
FileName:SE-450-SPEC2011-08-23
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
450WSingleOutputPowerSupply
S E - 4 5 0 series
83%
200mVp-p
10.8~13.5V
12V
37.5A
0~37.5A
450W
SE-450-12
AC input active surge current limiting
AC input range selected by switch
Protections: Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC ball bearing fan
Built-in remote sense function
LED indicator for power on
UL approved
2 years warranty
Features :
3.0%
3.0%
1.0%
1.0%
1.5%
1.0%
1.0%
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
0.2%
2.0%
2.0%
0.5%
0.5%
0.5%
0.5%
0.5%
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
200Khrsmin.MIL-HDBK-217F(25
)


Similar Part No. - SE-450-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SE-450-24 MEANWELL-SE-450-24 Datasheet
846Kb / 2P
   450W Single Output Power Supply
SE-450-24 MEANWELL-SE-450-24 Datasheet
998Kb / 2P
   450W Single Output Power Supply
More results

Similar Description - SE-450-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SE-450_0903 MEANWELL-SE-450_0903 Datasheet
998Kb / 2P
   450W Single Output Power Supply
SE-450 MEANWELL-SE-450 Datasheet
846Kb / 2P
   450W Single Output Power Supply
LRS-450 MEANWELL-LRS-450 Datasheet
610Kb / 4P
   450W Single Output Switching Power Supply
2022-09-13
logo
DENSEI-LAMBDA
RWS15A LAMBDA-RWS15A Datasheet
309Kb / 4P
   Single output 15W ~ 450W
logo
Mean Well Enterprises C...
MSP-450 MEANWELL-MSP-450 Datasheet
98Kb / 3P
   450W Single Output Medical Type
HRP-450_1108 MEANWELL-HRP-450_1108 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
   450W Single Output with PFC Function
HRP-450-3.3 MEANWELL-HRP-450-3.3 Datasheet
460Kb / 3P
   450W Single Output with PFC Function
HRPG-450_1108 MEANWELL-HRPG-450_1108 Datasheet
477Kb / 3P
   450W Single Output with PFC Function
HRPG-450 MEANWELL-HRPG-450 Datasheet
477Kb / 3P
   450W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com