Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE-350-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SE-350-15
Description  350W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SE-350-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SE-350-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SE-350-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE Note.4
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
1000ms,50ms/230VAC1000ms,50ms/115VACatfullload
20ms/230VAC16ms/115VACatfullload
90~132VAC/180~264VACbyswitch254~370VDC
47~63Hz
74%
80%
83%
84%
87%
88%
87.5%
7A/115VAC4A/230VAC
40A/115VAC60A/230VAC
<3.5mA /240VAC
105~135% ratedoutputpower
3.8~4.6V
9.4~11.25V 13.8~16.2V
18~21V
27.6~32.4V 33.7~39.2V
57.6~67.2V
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
-20~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
RTH2
50
FANON,
45
FANOFF(3.3~7.5V)
RTH2
55
FANON,
50
FANOFF(12~48V)
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes
234.3Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1.07Kg;12pcs/13.5Kg/0.92CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Please connect positive pole of input voltage with mark “N” of terminal block, connect negative pole of input voltage
with mark “L” of terminal block, using DC voltage for input voltage.
3.3V
7.5V
12V
15V
24V
27V
48V
60A
46A
29A
23.2A
14.6A
13A
7.3A
0~60A
0~46A
0~29A
0~23.2A
0~14.6A
0~13A
0~7.3A
198W
345W
348W
348W
350.4W
351W
350.4W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
240mVp-p
2.97~3.7V
6~9V
10~13.5V
13.5~18V
20~26.4V
26~32V
41~56V
2.0%
1.5%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.5%
2.0%
1.0%
0.5%
0.5%
0.5%
0.5%
350WSingleOutputSwitchingPowerSupply
AC input range selectable by switch
Protections: Short circuit / Overload / Over voltage/
Over temperature
Forced air cooling by built-in DC fan
Withstand 300vac surge input for 5 second
Built-in cooling Fan ON-OFF control
Built-in constant current limiting circuit
100% full load burn-in test
LED indicator for power on
Fixed switching frequency at 90KHz
Low cost,high reliability
2 years warranty
Features :
S E - 3 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
PROTECTION
ENVIRONMENT
SE-350-7.5
SE-350-12
SE-350-15
SE-350-24
SE-350-27
SE-350-48
FANON/OFFCONTROL(Typ.)
FUNCTION
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
FileName:SE-350-SPEC2012-02-28
SE-350-3.3
SE-350-36
87.5%
41.4~46.8V
36V
9.7A
0~9.7A
349.2W
240mVp-p
32~40V
1.0%
0.5%
0.5%
5V
60A
0~60A
300W
150mVp-p
4.5~5.6V
3.0%
0.5%
2.0%
SE-350-5
78%
5.75~7.5V
SAFETY STANDARDS
UL60950-1approved
OVERTEMPERATURE
85
5
(3.3~7.5V);80
5
(12V);75
5
(15~48V)(TSW1)Detectoncase
Protectiontype: ShutdownO/P voltage,recoversautomaticallyaftertemperaturegoesdown
Protectiontype:ShutdownO/P voltage,re-powerontorecover
+3%,-4.5%


Similar Part No. - SE-350-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SE-350-15 MEANWELL-SE-350-15 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
More results

Similar Description - SE-350-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NES-350 MEANWELL-NES-350 Datasheet
279Kb / 2P
   350W Single Output Switching Power Supply
S-350 MEANWELL-S-350 Datasheet
233Kb / 2P
   350W Single Output Switching Power Supply
SE-350 MEANWELL-SE-350 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
LRS-350 MEANWELL-LRS-350 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
NES-350 MEANWELL-NES-350_12 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
ERP-350 MEANWELL-ERP-350 Datasheet
104Kb / 3P
   350W Single Output Switching Power Supply
NES-350_1104 MEANWELL-NES-350_1104 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
LRS-350N2 MEANWELL-LRS-350N2 Datasheet
167Kb / 5P
   350W Single Output Switching Power Supply
2023-07-12
logo
List of Unclassifed Man...
R1J-350I1H2A0 ETC2-R1J-350I1H2A0 Datasheet
734Kb / 12P
   350W350W Redundant Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com