Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSP-1500-12 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-1500-12
Description  1500W Single Output Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-1500-12 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  RSP-1500-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-1500-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-1500-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-1500-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FunctionManual
1.RemoteON/OFF
(1)RemoteON/OFFcontrolbecomesavailablebyapplyingvoltageinCN1&CN2&CN3
(2)Table1.1showsthespecificationofRemoteON/OFFfunction
(3)Fig.1.2showstheexampletoconnectRemoteON/OFFcontrolfunction
FileName:RSP-1500-SPEC2011-
-19
12
Table1.1SpecificationofRemoteON/OFF
Fig.1.2ExamplesofconnectingremoteON/OFF
ConnectionMethod
SWLogic
Outputon
SWOpen
SWOpen
SWOpen
Fig.1.2(A)
Fig.1.2(B)
Fig.1.2(C)
Outputoff
SWClose
SWClose
SWClose
2.2K
AUX
RC1
12Vtyp.
AUXG
150
RCG
RC2
SW
620
5V
150
RC2
12Vtyp.
RCG
AUXG
2.2K
RC1
AUX
(A)Usingexternalvoltagesource
(B)Usinginternal12Vauxiliaryoutput
SW
150
RC2
12Vtyp.
AUXG
SW
RCG
(C)Usinginternal12Vauxiliaryoutput
2.2K
RC1
AUX
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
20
40
60
50
80
100
-20
0
10
20
30
40 45
50
60
70
INPUTVOLTAGE(V)60Hz
100
90
80
70
60
90
100
120
140
150
160
180
200
220
240
264
+5V
+12V,+15V
Others
(HORIZONTAL)
1500WSingleOutputPowerSupply
R S P - 1 5 0 0 series


Similar Part No. - RSP-1500-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RSP-1500-12 ASTRODYNE-RSP-1500-12 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1500-12 MEANWELL-RSP-1500-12 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1500-12 RSG-RSP-1500-12 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1500-12 MEANWELL-RSP-1500-12 Datasheet
301Kb / 4P
   1500W Single Output Power Supply
More results

Similar Description - RSP-1500-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP-1500 ASTRODYNE-RSP-1500 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_11 Datasheet
334Kb / 4P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
   1500W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-1500 MEANWELL-SE-1500_09 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
RSP-1500 MEANWELL-RSP-1500 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com