Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSP-1500-15 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-1500-15
Description  1500W Single Output Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-1500-15 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RSP-1500-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-1500-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-1500-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-1500-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MechanicalSpecification
FileName:RSP-1500-SPEC2011-
-19
12
CaseNo.943A
Unit:mm
ACInput TerminalPinNo. Assignment
PinNo.
1
3
2
Assignment
AC/N
AC/L
PinNo.
PinNo.
3
6
2
5
P OKGND:PowerOKGround
P OK:PowerOKSignal
RCG:RemoteON/OFFGround
AUXG: AuxiliaryGround
RC1:RemoteON/OFF
AUX: AuxiliaryOutput
1
4
Assignment
Assignment
RCG
P OK
P OKGND
FG
direction
Airflow
I/P
3
2
-V
1
+V
240
11.2
16max.
278
8-M4L=5(BothSides)
38
4-M4L=5
11.2
240
LED
SVR
OUTPUT
7
7
5
5
5
3
3
3
1
1
1
2
2
4
4
2
6
6
4
8
8
6
MatingHousing
Terminal
orequivalent
orequivalent
BlockDiagram
PFCfosc:70KHz
PWMfosc:100KHz
FAN
O.V.P.
-V
+V
RECTIFIERS
&
FILTER
-S
+S
CIRCUIT
DETECTION
POWER
AUX
REMOTE
CONTROL
RC
FILTER
&
RECTIFIERS
AUXPOWER
(12V/0.1A)
SHARING
LOAD
LS
P OK
LIMITING
ACTIVE
CURRENT
INRUSH
CONTROL
I/P
SWITCHING
POWER
RECTIFIERS
FILTER
EMI
PWM
&
PFC
PFC
CONTROL
O.T.P.
O.L.P.
PinNo.
PinNo.
2
1
3,5,7
RCG:RemoteON/OFFGround
RC2:
TRIM: AdjustmentofOutputVoltage
RemoteON/OFFLS:LoadShare
-S:-RemoteSensing+S:+RemoteSensing
Assignment
Assignment
RC2
RCG
-S
MatingHousing
Terminal
orequivalent
orequivalent
8
6
4
+S
TRIM
LS(CurrentShare)
ControlPinNo. Assignment(CN3):HRSDF11-6DP-2DS orequivalent
HRSDF11-6DS HRSDF11-**SC
ControlPinNo. Assignment(CN1,CN2):HRSDF11-8DP-2DS orequivalent
HRSDF11-8DS HRSDF11-**SC
AUX
RC1
AUXG
1500WSingleOutputPowerSupply
R S P - 1 5 0 0 series
CN1 CN2 CN3


Similar Part No. - RSP-1500-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RSP-1500-15 ASTRODYNE-RSP-1500-15 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1500-15 MEANWELL-RSP-1500-15 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1500-15 RSG-RSP-1500-15 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1500-15 MEANWELL-RSP-1500-15 Datasheet
301Kb / 4P
   1500W Single Output Power Supply
More results

Similar Description - RSP-1500-15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP-1500 ASTRODYNE-RSP-1500 Datasheet
366Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_11 Datasheet
334Kb / 4P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
   1500W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-1500 MEANWELL-SE-1500_09 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
RSP-1500 MEANWELL-RSP-1500 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com