Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSD-200D-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RSD-200D-12
Description  200W Railway Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSD-200D-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RSD-200D-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSD-200D-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT (Typ.)
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT (Typ.)
105~135% ratedoutputpower
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ConductionEmission:Class A,RadiationEmission:ClassB;EN50155(EN50121-3-2)
-40~+55
(noderating);+70
@60%loadbyfreeairconvection;+70
(noderatingwithexternalbaseplate)
20~95%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:compliancetoIEC61373
218.2Khrsmin.MIL-HDBK-217F(25
)
191*86*40mm(L*W*H)
0.94Kg;12pcs/12.3Kg/0.8CUFT
FileName:RSD-200-SPEC2012-03-09
200WRailwaySingleOutputDC-DCConverter
Features :
R S D - 2 0 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4KVDCI/P-FG:2.5KVDCO/P-FG:2.5KVDC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
SAFETY &
EMC
(Note4)
ENVIRONMENT
PROTECTION
1. All parameters NOT specially mentioned are measured at 24,48,110VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
12V
24V
12V
24V
12V
24V
16.7A
8.4A
16.7A
8.4A
16.7A
8.4A
0~16.7A
0~8.4A
0~16.7A
0~8.4A
0~16.7A
0~8.4A
200.4W
201.6W
200.4W
201.6W
200.4W
201.6W
120mVp-p
150mVp-p
120mVp-p
150mVp-p
120mVp-p
150mVp-p
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
0.2%
0.2%
0.2%
0.2%
0.2%
0.2%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
800ms,50msatfullload
89%
89%
91%
91%
91%
91%
9.6A/24V
9.6A/24V
45A/48VDC
4.8A/48V
4.8A/48V
45A/110VDC
2.1A/110V
2.1A/110V
45A/24VDC
2:1 wide input range
Protections: Short circuit / Overload / Over voltage / Over temperature
4000VDC I/O isolation
/ Input reverse polarity
Compliance to EN50155 railway standard
All using 105
long life electrolytic capacitors
LED indicator for power on
100% full load burn-in test
3 years warranty
Cooling by free air convection
Built-in constant current limiting circuit
1U low profile 39mm
13.8~16.2V
13.8~16.2V
13.8~16.2V
27.6~32.4V
27.6~32.4V
27.6~32.4V
OVERTEMPERATURE
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
90
5
(TSW1)detectonheatsinkofpowertransistor
48V
48V
48V
4.2A
4.2A
4.2A
0~4.2A
0~4.2A
0~4.2A
201.6W
201.6W
201.6W
180mVp-p
180mVp-p
180mVp-p
2.0%
2.0%
2.0%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
89%
9.6A/24V
91%
91%
4.8A/48V
2.1A/110V
55.2~64.8V
55.2~64.8V
55.2~64.8V
HOLDUP TIME (Typ.)
3~30ms@fullload;B/C-typecomplywithS1level;D-typecomplywithS2level
EMCIMMUNITY
EMCEMISSION
VOLTAGE
RANGE
16.8~31.2VDC
14.4~33.6VDC
33.6~62.4VDC
28.8~67.2VDC
67.2~143VDC
57.6~154VDC
CONTINUOUS
1SEC.
MeetIEC60950-1(LVD)
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A ;EN50121-3-2
RAILWAY STANDARD
MeetEN50155/IEC60571includingIEC61373forshock&vibration,EN50121-3-2forEMC
RSD-200B-24
RSD-200B-12
RSD-200C-24
RSD-200C-12
RSD-200D-24
RSD-200D-12
RSD-200B-48
RSD-200C-48
RSD-200D-48


Similar Part No. - RSD-200D-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
More results

Similar Description - RSD-200D-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
SD-200_1109 MEANWELL-SD-200_1109 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100 Datasheet
259Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150 Datasheet
256Kb / 2P
   150W Railway Single Output DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com