Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD-125 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # RD-125
Description  125W Dual Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RD-125 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  RD-125_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RD-125_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RD-125_11 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RD-125_11 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATION
MODEL
RD-125-4824
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
Note.6
RATEDPOWER
Note.6
OUTPUT
VOLTAGE ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
48V
CH1
24V
CH2
2A
2A
0.3~2.5A
0.5~4A
144W
240mVp-p
240mVp-p
CH1:45.6 ~52.8V
0.5%
1.0%
8.0%
1.0%
1.0%
5.0%
500ms,20ms/230VAC1200ms,30ms/115VAC atfullload
25ms/230VAC30ms/115VAC atfullload
47~63Hz
85%
86%
CH1:55.2~64.8V
3A/115VAC2A/230VAC
COLDSTART 40A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
-25~+70
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)onCH1output
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
232.4Khrsmin.MIL-HDBK-217F(25
)
199*98*38mm(L*W*H)
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
125WDualOutputSwitchingPowerSupply
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
LINEREGULATION
Note.4
LOADREGULATION
Note.5
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
PROTECTION
88~132VAC/176~264VACselectedbyswitch248~373VDC(Withstand300VACsurgefor5sec.Withoutdamage)
0.7Kg;20pcs/15Kg/0.8CUFT
RD-125-4812
48V
CH1
12V
CH2
2.3A
2.3A
0.3~2.5A
1~7A
138W
240mVp-p
120mVp-p
CH1:45.6 ~52.8V
0.5%
2.0%
1.0%
10%
1.0%
5.0%
CH1:55.2~64.8V
RD-125-2412
24V
12V
CH2
3.7A
3.7A
0.5~5A
1~7A
133.2W
200mVp-p
120mVp-p
CH1:22.8 ~26.4V
0.5%
2.0%
1.0%
10%
1.0%
5.0%
86%
CH1:27.6~32.4V
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load.
6. Each output can work within current range. But total output power can't exceed rated output power.
7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
R D - 1 2 5 series
Protections:Short circuit/Overload/Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
long life electrolytic capacitors
Features :
CH1
OUTPUTNUMBER
EMCIMMUNITY
EMCEMISSION
SAFETY &
EMC
(Note7)
FileName:RD-125-SPEC2011-08-19


Similar Part No. - RD-125_11

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RD-125-1224 ASTRODYNE-RD-125-1224 Datasheet
582Kb / 4P
   125W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-125-1224 MEANWELL-RD-125-1224 Datasheet
2Mb / 4P
   125W Dual Swithcing Power Supply
RD-125-1224 MEANWELL-RD-125-1224 Datasheet
1Mb / 4P
   125W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-125-1248 ASTRODYNE-RD-125-1248 Datasheet
582Kb / 4P
   125W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-125-1248 MEANWELL-RD-125-1248 Datasheet
2Mb / 4P
   125W Dual Swithcing Power Supply
More results

Similar Description - RD-125_11

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RID125 ASTRODYNE-RID125 Datasheet
322Kb / 4P
   125W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-125 TOTAL-POWER-RD-125 Datasheet
473Kb / 4P
   125W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD125 ASTRODYNE-RD125 Datasheet
317Kb / 4P
   125W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-125 MEANWELL-RD-125_10 Datasheet
1Mb / 4P
   125W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-125 ASTRODYNE-RD-125 Datasheet
582Kb / 4P
   125W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-125 MEANWELL-RID-125_10 Datasheet
798Kb / 3P
   125W Dual Output Switching Power Supply
RID-125 MEANWELL-RID-125_11 Datasheet
799Kb / 3P
   125W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RT125 ASTRODYNE-RT125 Datasheet
293Kb / 4P
   125W Triple Output Switching Power Supply
logo
Total Power Internation...
RQ-125 TOTAL-POWER-RQ-125 Datasheet
425Kb / 2P
   125W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-125 MEANWELL-RQ-125 Datasheet
346Kb / 2P
   125W Quad Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com