Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-320 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # QP-320
Description  320W Quad Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-320 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  QP-320_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-320_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
PEAKCURRENT
RATEDPOWER
RIPPLE&NOISE(max.) Note.2
OUTPUT
VOLTAGE ADJ.RANGE
VOLTAGETOLERANCE Note.3
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE
PROTECTION
ACCURRENT (Typ.)
800ms,50msatfullload
16msatfullload
90~264VAC127~370VDC
47~63Hz
83%
25A/115VAC45A/230VAC
<2mA /240VAC
105~150% ratedoutputpower
CH1:5.75~6.75VCH2:13.8~16.2V
CH1:5.75~6.75VCH2:17.25~20.25V
95
5
(TSW1)detectonheatsinkofpowertransistor
Protectiontype:Foldbackcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
-10~+70
(Referto"DeratingCurve")
20~90%RHnon-condensing
10ms/1ms
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
213.5Khrsmin.MIL-HDBK-217F(25
)
215*115*50mm(L*W*H)
1.2Kg;12pcs/15.4Kg/0.92CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Every output channel can provide up to the maximum current, but total load can't exceed the rated output power.
6. CH3(24V) peak current 20A,
1ms, repeatable in every 100ms. CH3(24V) output must be above 16V in the period of peak current.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
FileName:QP-320-SPEC2011-08-19
5V
5V
12V
15V
CH2
CH2
24V
24V
CH3
CH3
-12V
-15V
CH4
CH4
20A
20A
10A
8A
3A
3A
2A
1.6A
2.5~20A
20A
2.5~20A
20A
0~10A
10A
0~10A
10A
0.2~5A
20A, 1ms(Note5)
20A, 1ms(Note5)
0.2~5A
0.2~2A
2A
0.2~1.6A
1.6A
316W
100mVp-p
100mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
150mVp-p
CH1,2:+10,-5%
3.0%
3.0%
3.0%
3.0%
+10,-6%
+10,-6%
10%
10%
1.0%
1.0%
2.0%
2.0%
2.0%
2.0%
3.0%
3.0%
2.0%
2.0%
3.0%
3.0%
6.0%
6.0%
8.0%
8.0%
SAFETY STANDARDS
UL60950-1, TUVEN60950-1approved
320WQuadOutputwithPFCFunction
Q P - 3 2 0 series
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage / Over temperature
CH1 & CH2
With power good and fail signal output
Built-in remote sense function for CH1 & CH2
LED indicator for power on
100% full load burn-in test
3 years warranty
can be adjusted from -5% ~ +10%
20A peak load capability for 24V channel
Features:
QP-320D
QP-320F
CH1
CH1
OUTPUTNUMBER
WORKINGTEMP.
WORKINGHUMIDITY
..
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11,
SAFETY &
EMC
(Note4)
4A/115VAC2A/230VAC
POWERGOOD/POWERFAIL
FUNCTION
POWERFACTOR (Typ.)
PF>0.95/230VACPF>0.98/115VACatfullload
EMCIMMUNITY
EMCEMISSION


Similar Part No. - QP-320_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
More results

Similar Description - QP-320_11

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-320 TOTAL-POWER-QP-320 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320 Datasheet
247Kb / 2P
   320W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-320 RSG-QP-320 Datasheet
137Kb / 2P
   320W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
   320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320 RSG-SP-320 Datasheet
133Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320 Datasheet
412Kb / 2P
   320W Single Output with PFC Function
logo
Total Power Internation...
SP-320 TOTAL-POWER-SP-320 Datasheet
494Kb / 2P
   320W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com