Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-320D Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # QP-320D
Description  320W Quad Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-320D Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  QP-320D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-320D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:QP-320-SPEC2011-08-19
CaseNo.912IUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
20
40
60
80
100
-10
-10
0
0
10
20
30
40
50
60
70 (HORIZONTAL)
90
105
115
135
155
264
230
100
90
80
70
60
50
40
4-M4L=5mm
6-M3L=3mm
1
2
3
4
5
6
7
8
9
27.5
19
177.5
32.5
150
117.5
15
36.5
32.5
150
215
6-M4L=5mm
Airflow
direction
CN2
ADJ.
V2
V1
LED
6
1
fosc:100KHz
PWM
EMI
FILTER
PFC
POWER
SWITCHING
FILTER
&
RECTIFIERS
V3
I/P
CONTROL
O.V.P.
O.L.P.
O.T.P.
&
RECTIFIERS
RECTIFIERS
FILTER
&
V4
MA &CONTROL
PF/PG
RECTIFIERS
DETECTED
FILTER
CIRCUIT
&
V2
PF/PG
&
FILTER
RECTIFIERS
COM
V1
DCOutputConnector(CN2):JST S6B-XH-A-1orequivalent
PinNo.
PinNo.
1
4
2
5
3
6
Assignment
Assignment
V1(+S)
V2(-S)
V1(-S)
PF/PG
V2(+S)
GND
MatingHousing
JST XHP
orequivalent
Terminal
JST SXH-001T-P0.6
orequivalent
PinNo.
PinNo.
1
5
3
4
2
6
7,8
9
Assignment
Assignment
AC/L
FG
AC/N
DCOUTPUT V4
DCOUTPUT V1
DCOUTPUT V3
DCOUTPUT COM
DCOUTPUT V2
TerminalPinNo. Assignment
13max.
320WQuadOutputwithPFCFunction
Q P - 3 2 0 series
BlockDiagram


Similar Part No. - QP-320D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
QP-320D MEANWELL-QP-320D Datasheet
247Kb / 2P
   320W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-320D RSG-QP-320D Datasheet
137Kb / 2P
   320W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-320D MEANWELL-QP-320D Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Total Power Internation...
QP-320D TOTAL-POWER-QP-320D Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
More results

Similar Description - QP-320D

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-320 TOTAL-POWER-QP-320 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320 Datasheet
247Kb / 2P
   320W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-320 RSG-QP-320 Datasheet
137Kb / 2P
   320W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
   320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320 RSG-SP-320 Datasheet
133Kb / 2P
   320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
   320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320 Datasheet
412Kb / 2P
   320W Single Output with PFC Function
logo
Total Power Internation...
SP-320 TOTAL-POWER-SP-320 Datasheet
494Kb / 2P
   320W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com