Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBP13009-O Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SBP13009-O
Description  High Voltage Fast-Switching NPN Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SBP13009-O Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SBP13009-O Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP13009-O Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP13009-O Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP13009-O Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SBP13009-O Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S
S
S
SB
B
B
BP
P
P
P1
1
1
130
30
30
300
0
0
09
9
9
9----O
O
O
O
2/5
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
E
E
E
Ellllec
ec
ec
ectr
tr
tr
triiiical
cal
cal
cal Ch
Ch
Ch
Cha
a
a
arrrrac
ac
ac
actttte
e
e
eri
ri
ri
ris
s
s
sti
ti
ti
tics
cs
cs
cs (T
C=25unless otherwise noted)
Symbol
Parameter
Test Conditions
Value
Units
Min
Typ
Max
VCEO(sus)
Collector-Emitter Breakdown Voltage
Ic=10mA,Ib=0
400
-
-
V
VCE(sat)
Collector-Emitter Saturation Voltage
Ic=5.0A,Ib=1.0A
Ic=8.0A,Ib=1.6A
Ic=12A,Ib=3.0A
-
-
1.0
1.5
3.0
V
Ic=8.0A,Ib=1.6A
Tc=100℃
-
-
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
I Ic=5.0A,Ib=1.0A
Ic=8.0A,Ib=1.6A
-
-
1.2
1.6
V
Ic=8.0A,Ib=1.6A
Tc=100℃
-
-
1.5
V
ICBO
Collector-Base Cutoff Current
(Vbe=-1.5V)
Vcb=700V
Vcb=700V, Tc=100℃
-
-
1.0
5.0
mA
hFE
DC Current Gain
Vce=5V,Ic=5.0A
Vce=5V, Ic=8.0A
10
6
-
-
40
40
ts
tf
Resistive Load
Storage Time
Fall Time
VCC=125V , Ic=6.0A
IB1=1.6A ,
IB2=-1.6A
Tp=25㎲
-
1.5
0.17
3.0
0.4
ts
tf
Inductive Load
Storage Time
Fall Time
VCC=15V ,Ic=5A
IB1=1.6A , Vbe(off)=5V
L=0.35mH,Vclamp=300V
-
-
0.8
0.04
2.0
0.1
ts
tf
Inductive Load
Storage Time
Fall Time
VCC=15V ,Ic=1A
IB1=0.4A , Vbe(off)=5V
L=0.2mH,Vclamp=300V
Tc=100℃
-
-
0.8
0.05
2.5
0.15
Not
Not
Not
Note
e
e
e::::
Pulse Test : Pulse width 300, Duty cycle 2%


Similar Part No. - SBP13009-O

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SBP13009-O SEMIWELL-SBP13009-O Datasheet
133Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - SBP13009-O

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com