Electronic Components Datasheet Search |
|
QP-200A Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
QP-200A Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
2 / 4 page SPECIFICATION MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDUP TIME (Typ.) VOLTAGERANGE Note.6 FREQUENCY RANGE POWERFACTOR (Typ.) EFFICIENCY (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT SAFETY STANDARDS WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE ACCURRENT (Typ.) 800ms,50msatfullload 90~264VAC127~370VDC 47~63Hz 72% 72% 74% <2mA /240VAC 105~150% ratedoutputpower CH1:5.75~6.75VCH2:3.8~4.4V Protectiontype: Shutdowno/pvoltage,re-powerontorecover UL60950-1, TUVEN60950-1approved -10~+60 (Referto"DeratingCurve") 20~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes 160.6Khrsmin.MIL-HDBK-217F(25 ) 215*115*50mm(L*W*H) 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. 33.3% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power. 5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 6. Derating may be needed under low input voltages. Please check the derating curve for more details. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies. (as available on http://www.meanwell.com) CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3 Complianceto EN55024,lightindustrylevel,criteria A EN61000-4-2,3,4,5,6,8,11, RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 200WQuadOutputwithPFCFunction Features: Q P - 2 0 0 series ENVIRONMENT SAFETY & EMC (Note5) PROTECTION WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25 /70%RH QP-200-3B QP-200-3C QP-200-3D 5V 5V 5V 3.3V 12V -12V 3.3V 15V -15V 3.3V -12V 15A 15A 10A 15A 6A 0.7A 15A 5A 0.7A 0.7A 3~20A 3~20A 3~15A 0~20A 0.5~8A 0~1A 0~20A 0.5~6A 0~1A 0~20A 0.4~5A 0~1A 204.9W 210W 203.9W 100mVp-p CH1:4.75~5.5VCH2:3.14~3.63V CH1:4.75~5.5VCH2:3.14~3.63V CH1:4.75~5.5VCH2:3.14~3.63V 100mVp-p 150mVp-p 150mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% +8,-10% 6.0% +10,-6% 6.0% +10,-6% 6.0% 1.0% 1.0% 1.0% 2.0% 1.0% 1.0% 2.0% 1.0% 1.0% 1.0% 2.0% 1.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 6.0% 2.0% 6.0% 6.0% Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown FileName:QP-200-SPEC2011-08-19 INPUT OVERTEMPERATURE POWERGOOD/POWERFAIL(OPTIONAL) 10ms/1ms FUNCTION Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved 95 5 (TSW1)detectonheatsinkofQ1,Q2powertransistor 20A 20A 8A 1A 20A 7A 1A 20A 20A PEAKCURRENT Note.4 Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage / Over temperature Forced air cooling by built-in DC fan CH1,2 can be adjustable from -5~+10% With power good and fail signal output(Optional) Built-in remote sense function for CH1,2 100% full load burn-in test CH4 can set to positive after consult us before delivery(Optional) Fixed switching frequency at PFC:67KHz PWM:134KHz 3 years warranty 1.2Kg;12pcs/15.4Kg/0.92CUFT CH1 CH1 CH1 OUTPUTNUMBER CH2 CH2 CH2 CH3 CH3 CH3 CH4 CH4 CH4 24msatfullload PF>0.95/230VACPF>0.98/115VACatfullload 3.5A/115VAC2A/230VAC COLDSTART 30A .. 24V 15A 4A 20A 6A 1A EMCIMMUNITY EMCEMISSION |
Similar Part No. - QP-200A |
|
Similar Description - QP-200A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |