Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-150-3B Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # QP-150-3B
Description  150W Quad Output with PFC Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-150-3B Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  QP-150-3B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-150-3B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. QP-150-3B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. QP-150-3B Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. QP-150-3B Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
FileName:QP-150B,C-SPEC2011-08-19
CaseNo.916BUnit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
90
100
115
135
155
264
230
20
40
60
80
100
-10
-10
0
0
10
20
30
40
50
60 (HORIZONTAL)
fosc:100KHz
PWM&PFC
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
V3
I/P
FG
CONTROL
O.V.P.
&
PFC
DETECTIONCIRCUT
RECTIFIERS
FILTER
&
REGULATOR
V4
CONTROL
MA
&
RECTIFIERS
FILTER
&
V2
&
FILTER
RECTIFIERS
COM
+5V
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
3
4
2
5
6,7
8,9
10
Assignment
Assignment
AC/L
DCOUTPUT V3
DCOUTPUT V1
DCOUTPUT COM
DCOUTPUT V2
AC/N
FG
DCOUTPUT V4
FAN
BlockDiagram
3
2
1
4
5
7
6
8
9
10
LED
+V ADJ.1
Airflow
direction
48.5
2-M4
142
25
133
65
117
199
35
70
20
25
15
6-M4L=6mm
5-M3L=6mm
9max.
90
100
80
70
60
50
40
150WQuadOutputwithPFCFunction
Q P - 1 5 0 B , C series


Similar Part No. - QP-150-3B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-150-3B ASTRODYNE-QP-150-3B Datasheet
349Kb / 3P
   150W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150-3B MEANWELL-QP-150-3B Datasheet
735Kb / 5P
   150W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-150-3B RSG-QP-150-3B Datasheet
271Kb / 5P
   150W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150-3B MEANWELL-QP-150-3B Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
More results

Similar Description - QP-150-3B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-150 RSG-QP-150 Datasheet
271Kb / 5P
   150W Quad Output with PFC Function
logo
Astrodyne Corporation
QP150 ASTRODYNE-QP150 Datasheet
449Kb / 6P
   150W Quad Output with PFC Function
QP-150 ASTRODYNE-QP-150 Datasheet
349Kb / 3P
   150W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150 Datasheet
735Kb / 5P
   150W Quad Output with PFC Function
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
   150W Single Output with PFC Function
HSP-150 MEANWELL-HSP-150 Datasheet
89Kb / 2P
   150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
   150W Single Output with PFC Function
TP-150 MEANWELL-TP-150 Datasheet
286Kb / 2P
   150W Triple Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
   150W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com