Electronic Components Datasheet Search |
|
QP-150-3C Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd. |
|
QP-150-3C Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd. |
4 / 5 page SPECIFICATION MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER (max.) OUTPUT VOLTAGE ADJ.RANGE LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDUP TIME (Typ.) VOLTAGERANGE FREQUENCY RANGE POWERFACTOR (Typ.) EFFICIENCY (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT SAFETY STANDARDS WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE OVERTEMPERATURE(OPTION) ACCURRENT (Typ.) 1000ms,50msatfullload 24msatfullload 90~264VAC127~370VDC 47~63Hz PF>0.95/230VACPF>0.98/115VACatfullload 76% 77% 2.5A/115VAC1.2A/230VAC COLDSTART 40A <3.5mA /240VAC 105~135% ratedoutputpower CH1:5.75~6.75V Protectiontype: Shutdowno/pvoltage,re-powerontorecover UL60950-1, TUVEN60950-1approved -10~+60 (Referto"DeratingCurve") 20~90%RHnon-condensing -20~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes 141.5Khrsmin.MIL-HDBK-217F(25 ) 199*99*50mm(L*W*H) 1.1Kg;20pcs/22Kg/1.28CUFT 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies. (as available on http://www.meanwell.com) CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3 Complianceto EN55024,lightindustrylevel,criteria A EN61000-4-2,3,4,5,6,8,11, RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 ENVIRONMENT SAFETY & EMC (Note4) PROTECTION WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25 /70%RH QP-150B QP-150C 5V CH1 12V CH2 -12V CH3 -5V CH4 CH2 -15V CH3 -5V CH4 15A 15A 2A 0.6A 2A 0.6A 3~15A 3~15A 0.4~5A 0.3~2A 0~1A 0.4~4A 0.3~2A 0~1A 150W 153W 100mVp-p CH1:4.75~5.5V CH1:4.75~5.5V 150mVp-p 150mVp-p 100mVp-p 150mVp-p 150mVp-p 100mVp-p 100mVp-p 3.0% 6.0% 3.0% +6,-10% +10,-6% 5.0% 8.0% 5.0% 1.0% 2.0% 1.0% 2.0% 1.0% 2.0% 2.0% 1.0% 2.0% 6.0% 2.0% 6.0% 2.0% 6.0% 2.0% 6.0% Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown INPUT 150WQuadOutputwithPFCFunction Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage Forced air cooling by built-in DC fan Fixed switching frequency at 100KHz 3 years warranty Features: Q P - 1 5 0 B , C series Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved 95 5 (TSW1) CH1 OUTPUTNUMBER .. 5V 15V 4A 3A EMCIMMUNITY EMCEMISSION FileName:QP-150B,C-SPEC2011-08-19 |
Similar Part No. - QP-150-3C |
|
Similar Description - QP-150-3C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |