Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-100-3C Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # QP-100-3C
Description  100W Quad Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-100-3C Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  QP-100-3C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-100-3C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. QP-100-3C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
U S P - 2 2 5
s e r i e s
U S P - 2 2 5
s e r i e s
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
CaseNo.916A
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
90
110
115
135
155
264
230
20
40
60
70
80
100
-10
-10
0
0
10
20
30
40
50
60 (HORIZONTAL)
fosc:100KHz
BlockDiagram
142
25
8max.
133
65
117
199
35
70
20
25
15
6-M4L=6mm
3
2
1
4
5
7
6
8
9
10
LED
+V ADJ.1
+V ADJ.2
2-M4
5-M3L=6mm
90
100
80
70
60
50
40
FileName:QP-100-SPEC2011-08-19
100WQuadOutputwithPFCFunction
Q P - 1 0 0 series
PWM&PFC
EMIFILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
V3
I/P
FG
CONTROL
O.V.P.
&
PFC
DETECTIONCIRCUT
RECTIFIERS
FILTER
&
REGULATOR
V4
CONTROL
MA
&
RECTIFIERS
FILTER
&
V2
&
FILTER
RECTIFIERS
COM
+5V
TerminalPinNo. Assignment:
PinNo.
PinNo.
1
3
4
2
5
6,7
8,9
10
Assignment
Assignment
AC/L
DCOUTPUT V3
DCOUTPUT V1
DCOUTPUT COM
DCOUTPUT V2
AC/N
FG
DCOUTPUT V4


Similar Part No. - QP-100-3C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-100-3C ASTRODYNE-QP-100-3C Datasheet
425Kb / 3P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100-3C MEANWELL-QP-100-3C Datasheet
898Kb / 5P
   100W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-100-3C RSG-QP-100-3C Datasheet
232Kb / 5P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100-3C MEANWELL-QP-100-3C Datasheet
944Kb / 5P
   100W Quad Output with PFC Function
More results

Similar Description - QP-100-3C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100 MEANWELL-QP-100 Datasheet
898Kb / 5P
   100W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-100 RSG-QP-100 Datasheet
232Kb / 5P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100_11 Datasheet
365Kb / 2P
   100W Quad Output with PFC Function
QP-100 MEANWELL-QP-100_10 Datasheet
944Kb / 5P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-100 ASTRODYNE-QP-100 Datasheet
425Kb / 3P
   100W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003D CUI-VPPQ-1003D Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-1003 MEANWELL-PPQ-1003_11 Datasheet
673Kb / 3P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
PPQ1003 ASTRODYNE-PPQ1003 Datasheet
355Kb / 4P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100 Datasheet
362Kb / 2P
   100W Quad Output with PFC Function
PPQ-1003 MEANWELL-PPQ-1003 Datasheet
668Kb / 3P
   100W Quad Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com