Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-100-3C Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # QP-100-3C
Description  100W Quad Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

QP-100-3C Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  QP-100-3C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. QP-100-3C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. QP-100-3C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER (max.)
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE(OPTION)
ACCURRENT (Typ.)
90~264VAC127~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
74%
74%
75%
1.5A/115VAC0.75A/230VAC
COLDSTART
40A/230V
<3.5mA /240VAC
105~150% ratedoutputpower
CH1:5.75~6.75VCH2:3.8~4.4V
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1approved
-10~+60
(Referto"DeratingCurve")
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
139.9Khrsmin.MIL-HDBK-217F(25
)
199*99*50mm(L*W*H)
0.87Kg;20pcs/18.4Kg/1.28CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11,
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
100WQuadOutputwithPFCFunction
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage
Free air cooling convection
CH4: Polarity is selectable
Fixed switching frequency at 100KHz
3 years warranty
Features:
Q P - 1 0 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
QP-100-3A
QP-100-3B
QP-100-3C
5V
5V
3.3V
12V
-5V
3.3V
12V
-12V
3.3V
15V
-15V
8A
8A
8A
2.5A
0.6A
8A
2.2A
0.6A
8A
1.7A
0.6A
2~10A
2~10A
2~10A
0~10A
0.3~3A
0~1A
0~10A
0.3~3A
0~1A
0~10A
0.3~2A
0~1A
99.4W
100W
100.9W
100mVp-p
CH1:4.75~5.5VCH2:3.14~3.63V
CH1:4.75~5.5VCH2:3.14~3.63V
CH1:4.75~5.5VCH2:3.14~3.63V
100mVp-p 150mVp-p 150mVp-p
100mVp-p 150mVp-p 150mVp-p
100mVp-p 150mVp-p 150mVp-p
100mVp-p
100mVp-p
3.0%
3.0%
3.0%
3.0%
3.0%
3.0%
6.0%
5.0%
6.0%
5.0%
+8,-6%
5.0%
1.0%
1.0%
1.0%
2.0%
1.0%
1.0%
2.0%
1.0%
1.0%
1.0%
2.0%
1.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
6.0%
2.0%
6.0%
6.0%
95
5
(TSW1)
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
FileName:QP-100-SPEC2011-08-19
INPUT
800ms,50ms/230VAC
115VACatfullload
800ms,50ms/
24ms/230VAC24
115VACatfullload
ms/
CH2
CH2
CH2
CH3
CH3
CH3
CH4
CH4
CH4
CH1
CH1
OUTPUTNUMBER
..
5V
8A
CH1
EMCIMMUNITY
EMCEMISSION


Similar Part No. - QP-100-3C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP-100-3C ASTRODYNE-QP-100-3C Datasheet
425Kb / 3P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100-3C MEANWELL-QP-100-3C Datasheet
898Kb / 5P
   100W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-100-3C RSG-QP-100-3C Datasheet
232Kb / 5P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100-3C MEANWELL-QP-100-3C Datasheet
944Kb / 5P
   100W Quad Output with PFC Function
More results

Similar Description - QP-100-3C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100 MEANWELL-QP-100 Datasheet
898Kb / 5P
   100W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-100 RSG-QP-100 Datasheet
232Kb / 5P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100_11 Datasheet
365Kb / 2P
   100W Quad Output with PFC Function
QP-100 MEANWELL-QP-100_10 Datasheet
944Kb / 5P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-100 ASTRODYNE-QP-100 Datasheet
425Kb / 3P
   100W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003D CUI-VPPQ-1003D Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-1003 MEANWELL-PPQ-1003_11 Datasheet
673Kb / 3P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
PPQ1003 ASTRODYNE-PPQ1003 Datasheet
355Kb / 4P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100 Datasheet
362Kb / 2P
   100W Quad Output with PFC Function
PPQ-1003 MEANWELL-PPQ-1003 Datasheet
668Kb / 3P
   100W Quad Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com