Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSP-600-12 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # PSP-600-12
Description  600W with PFC and Parallel Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PSP-600-12 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  PSP-600-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PSP-600-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PSP-600-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ControlTerminalInstructionManual
POKSignal
POKSignalisthevoltagedifferencebetween
+V
+V
+V
L
L
L
N
N
N
FG
FG
FG
P
P
P
POK
POK
POK
RCG
RCG
RCG
RC
RC
RC
RS+
RS+
RS+
RS-
RS-
RS-
+V
+V
+V
LOAD
LOAD
LOAD
+
+
+
-
-
-
+V
+V
+V
+V
+V
+V
-V
-V
-V
-V
-V
-V
-V
-V
-V
-V
POK(+) RCG(-)
-V
-V
"RCG"and"POK"pinoutputPOKSignalfor TTL levelsignal
PSUturnon:3.3V~5.6V
PSUturnoff:0V~1V
ParallelOperationwithRemoteSensing
RemoteSensing
PowerON:RCGandRCforshort
RemoteControl
PowerOFF:RCGandRCforopen
RCG RC
LOAD
PSU
PSU
PSU
PSU
+
+
+
+
-
-
-
-
P
P
P
P
RCG
RCG
RCG
RCG
RS+
RS+
RS+
RS+
RS-
RS-
RS-
RS-
+V
+S
-V
-S
(1)Paralleloperationisavailablebyconnectingtheunitsshownasbelow(+S,-SandP areconnectedmutuallyinparallel):
(2)Thevoltagedifferenceamongeachoutputshouldbeminimizedthatlessthan 2%isrequired.
(3)Thetotaloutputcurrentmustnotexceedthevaluedeterminedbythefollowingequation(Outputcurrentatparalleloperation)
=(Theratedcurrentperunit)x(Numberofunit)x0.9.
(4)Inparalleloperation4unitsis themaximum,pleaseconsultthemanufactureforotherapplications.
(5)Whenremotesensingisusedinparalleloperation,thesensingwiremustbeconnectedonlytothemasterunit.
(6)Wheninparalleloperation,theminimumoutputloadshouldbegreaterthan3%oftotaloutputload.
(Min.load >3%ratedcurrentperunitxnumberofunit)
FileName:PSP-600-SPEC2011-11-30
P S P - 6 0 0 series
600WwithPFCandParallelFunction


Similar Part No. - PSP-600-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSP-600-12 MEANWELL-PSP-600-12 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
PSP-600-12 MEANWELL-PSP-600-12 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
logo
Total Power Internation...
PSP-600-12 TOTAL-POWER-PSP-600-12 Datasheet
504Kb / 3P
   600W with PFC and Parallel Function
More results

Similar Description - PSP-600-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSP-600 MEANWELL-PSP-600_10 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
PSP-600 MEANWELL-PSP-600 Datasheet
392Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP600 ASTRODYNE-PSP600 Datasheet
936Kb / 5P
   600W with PFC and Parallel Function
logo
Total Power Internation...
PSP-600 TOTAL-POWER-PSP-600 Datasheet
504Kb / 3P
   600W with PFC and Parallel Function
logo
Astrodyne Corporation
PSP-600 ASTRODYNE-PSP-600 Datasheet
395Kb / 3P
   600W with PFC and Parallel Function
logo
RSG Electronic Componen...
SCP-600 RSG-SCP-600 Datasheet
143Kb / 2P
   500~600W Parallel Type With PFC Function
logo
Astrodyne Corporation
SCP-600 ASTRODYNE-SCP-600 Datasheet
1Mb / 3P
   500~600W Parallel Type With PFC Function
logo
Mean Well Enterprises C...
SCP-600 MEANWELL-SCP-600 Datasheet
333Kb / 3P
   500~600W Parallel (N1) With PFC Function
HRP-600 MEANWELL-HRP-600_11 Datasheet
293Kb / 2P
   600W Single Output with PFC Function
HRPG-600 MEANWELL-HRPG-600 Datasheet
378Kb / 4P
   600W Single Output with PFC Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com