Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-05 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PS-05
Description  5W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PS-05 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PS-05_09 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PS-05_09 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PS-05-5
PS-05-12
PS-05-15
PS-05-24
PS-05-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
HOLDUP TIME(Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGHUMIDITY
WORKINGTEMP.
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
5V
12V
15V
24V
48V
1A
0.45A
0.35A
0.22A
0.11A
0~1.2A
0~0.5A
0~0.4A
0~0.25A
0~0.125A
5W
5.4W
5.25W
5.28W
5.28W
100mVp-p
120mVp-p
120mVp-p
2.0%
200mVp-p
200mVp-p
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
100msatfullload
85~264VAC120~370VDC
47~63Hz
70%
75%
13.8~16.2V
17.2~20.2V
27.6~32.4V
55.2~64.8V
75%
76%
76%
0.15A/115VAC0.07A/230VAC
COLDSTART 30A/230VAC
<0.5mA /240VAC
Above105% ratedoutputpower
5.75~6.75V
Protectiontype: Hiccupmode,recoveryautomaticallyafterfaultconditionisremoved
Protectiontype:Hiccupmode,recoveryautomaticallyafterfaultconditionisremoved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.05%/
(0~50
10~500Hz,2G10min./1cycle,Periodfor60min.eachalongX, Y,Zaxes
75*40*20mm(L*W*H)
0.05Kg;120pcs/6.25Kg/1CUFT
FileName:PS-05-SPEC2009-07-03
OVERTEMPERATURE
HARMONICCURRENT
EMSIMMUNITY
EN60950-1CB Approvedby TUV
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11Lightindustrylevel,criteria A
5WSingleOutputSwitchingPowerSupply
P S - 0 5 series
Features :
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVAC
I/P-O/P:100MOhms/500VDC
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Tj140
typically(U1)DetectonmaincontrolIC
Universal AC input / Full range
Low leakage current <0.5mA
Protections: Short circuit/Over load /Over voltage/Over temperature
Cooling by free air convection
100% full load burn-in test
Fix switching frequency at 67KHz
Low cost
High reliability
2 years warranty
SETUP,RISE TIME
1000ms,20ms
Protectiontype:shutoffo/pvoltage,clampingbyzenerdiode
MTBF
1271.1Khrsmin.MIL-HDBK-217F(25
)


Similar Part No. - PS-05_09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PS-05 MEANWELL-PS-05_09 Datasheet
567Kb / 2P
   5W Single Output Switching Power Supply
More results

Similar Description - PS-05_09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PS-05 MEANWELL-PS-05_09 Datasheet
567Kb / 2P
   5W Single Output Switching Power Supply
PS-05 MEANWELL-PS-05 Datasheet
288Kb / 2P
   5W Single Output Switching Power Supply
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
NFM-05 MEANWELL-NFM-05 Datasheet
232Kb / 2P
   5W Output Switching Power Supply
logo
DIWELL Electronics Co.,...
IRM-05 DIWELL-IRM-05 Datasheet
151Kb / 2P
   5W Output Switching IRM-05 series Power Supply
2013-07-09
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com