Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4001-A2 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q67040-S4001-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67040-S4001-A2 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  Q67040-S4001-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67040-S4001-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67040-S4001-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67040-S4001-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67040-S4001-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67040-S4001-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67040-S4001-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67040-S4001-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Semiconductor Group
7
30/Jan/1998
BUZ 100 S
SPP77N05
Drain-source on-resistance
RDS (on) = ƒ(Tj)
parameter: ID = 55 A, VGS = 10 V
-60
-20
20
60
100
°C
180
T
j
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.050
R
DS (on)
typ
98%
Gate threshold voltage
VGS(th)= f (Tj)
parameter:VGS=VDS, ID = 130µA
-60
-20
20
60
100
140
V
200
T
j
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
5.0
V
GS(th)
min
typ
max
Typ. capacitances
C
= f (VDS)
parameter:VGS = 0V, f = 1MHz
0
5
10
15
20
25
30
V
40
V
DS
2
10
3
10
4
10
pF
C
C
iss
C
oss
C
rss
Forward characteristics of reverse diode
I
F = ƒ(VSD)
parameter: T
j, tp = 80 µs
0
10
1
10
2
10
3
10
A
I
F
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
V
SD
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 175 °C typ
T
j = 175 °C (98%)


Similar Part No. - Q67040-S4001-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-S4000-A2 SIEMENS-Q67040-S4000-A2 Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated)
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
Q67040-S4003-A2 SIEMENS-Q67040-S4003-A2 Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
logo
Infineon Technologies A...
Q67040-S4003-A2 INFINEON-Q67040-S4003-A2 Datasheet
110Kb / 8P
   SIPMOS Power Transistor
05.99
Q67040-S4003-A5 INFINEON-Q67040-S4003-A5 Datasheet
110Kb / 8P
   SIPMOS Power Transistor
05.99
More results

Similar Description - Q67040-S4001-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ102S SIEMENS-BUZ102S Datasheet
123Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ111S SIEMENS-BUZ111S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BUZ110S SIEMENS-BUZ110S Datasheet
122Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated)
BSP170P SIEMENS-BSP170P Datasheet
152Kb / 9P
   SIPMOS Power Transistor (P-Channel Enhancement mode Avalanche rated dv/dt rated)
BUZ111SL SIEMENS-BUZ111SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ110SL SIEMENS-BUZ110SL Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ102SL SIEMENS-BUZ102SL Datasheet
120Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ103SL SIEMENS-BUZ103SL Datasheet
119Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ103S SIEMENS-BUZ103S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com