Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2034 Datasheet(PDF) 2 Page - Protek Devices

Part # PA2034
Description  Single 4:1 Low RON Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2034 Datasheet(HTML) 2 Page - Protek Devices

  PA2034 Datasheet HTML 1Page - Protek Devices PA2034 Datasheet HTML 2Page - Protek Devices PA2034 Datasheet HTML 3Page - Protek Devices PA2034 Datasheet HTML 4Page - Protek Devices PA2034 Datasheet HTML 5Page - Protek Devices PA2034 Datasheet HTML 6Page - Protek Devices PA2034 Datasheet HTML 7Page - Protek Devices PA2034 Datasheet HTML 8Page - Protek Devices PA2034 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414--5141
www.protekanalog.com
61
PA2034
Single 4:1 Low RON Multiplexer
95050 Rev. 0. 01/08
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Absolute Maximum Ratings TA = 25 °C, unless otherwise noted
Parameter
Limit
Unit
Reference V+ to Ground
-0.3 to 6.0
IN, COM, NC, NO
1
-0.3 to (Vcc+ 0.3V)
V
Continuous Current (NO,NC,COM pins)
±50
Peak Current (Pulsed at 1mS, 10% duty cycle)
±100
mA
Storage Temperature
-65 to +150
°C
Power Dissipation
320
mW
Notes:
a.
Signals on SX, DX, EN or AX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 4.0 mV/ ° C above 70 ° C.


Similar Part No. - PA2034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
MTRONPTI
PA2032-1 MTRONPTI-PA2032-1 Datasheet
356Kb / 2P
   Suitable for all modulations standards
logo
STMicroelectronics
PA2032A STMICROELECTRONICS-PA2032A Datasheet
68Kb / 1P
   PIONEER SPEAKER OUTPUT IC For DEH-1650 ABD AUDIO & POWER
logo
MTRONPTI
PA2033 MTRONPTI-PA2033 Datasheet
285Kb / 2P
   High Power Class AB linear GaN design
PA2037 MTRONPTI-PA2037 Datasheet
127Kb / 2P
   Solid State High Power Amplifier
More results

Similar Description - PA2034

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
   Single 4:1 Low rON Multiplexers
Rev. A, 01-Sept-03
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
logo
Integrated Device Techn...
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Circuit Syst...
ICS83054I ICST-ICS83054I Datasheet
156Kb / 13P
   4 : 1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
83054 IDT-83054_15 Datasheet
154Kb / 14P
   4:1, Single-Ended Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com