Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZDX130N50 Datasheet(PDF) 1 Page - Rohm

Part # ZDX130N50
Description  10V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ZDX130N50 Datasheet(HTML) 1 Page - Rohm

  ZDX130N50 Datasheet HTML 1Page - Rohm ZDX130N50 Datasheet HTML 2Page - Rohm ZDX130N50 Datasheet HTML 3Page - Rohm ZDX130N50 Datasheet HTML 4Page - Rohm ZDX130N50 Datasheet HTML 5Page - Rohm ZDX130N50 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
 
10V Drive Nch MOSFET
ZDX130N50
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low on-resistance.
2) High-speed switching.
3) Gate-source voltage
VGSS guaranteed to be ±30V .
4) High package power.
Application
Switching
Packaging specifications
Inner circuit
Package
Bulk
Code
-
Basic ordering unit (pieces)
500
ZDX130N50
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
500
V
Gate-source voltage
VGSS
30
V
Continuous
ID
13
A
Pulsed
IDP
39
A
Continuous
IS
13
A
Pulsed
ISP
39
A
Avalanche current
IAS
10
A
Avalanche energy
EAS
50
mJ
Power dissipation
PD
40
W
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to 150
C
*1 Pw
10s, Duty cycle1%
*2 Tc=25°C
*3 L 1mH, VDD=50V, RG=25 Starting Tch=25°C
Thermal resistance
Symbol
Limits
Unit
Channel to Case
Rth (ch-c)
3.125
C / W
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
*2
*1
*1
TO-220FM
4.5
2.8
0.75
φ3.2
(2)(3)
(1)
0.8
2.54
2.6
2.54
1.3
1.2
10.0
TO-220FM
4.5
2.8
0.75
φ3.2
(2)(3)
(1)
0.8
2.54
2.6
2.54
1.3
1.2
10.0
(1) Gate
(2) Drain
(3) Source
1 Body Diode
*3
*3
∗1
(1)
(2)
(3)
1/5
2011.08- Rev.A


Similar Part No. - ZDX130N50

ManufacturerPart #DatasheetDescription
logo
Rohm
ZDX050N50 ROHM-ZDX050N50 Datasheet
623Kb / 12P
   Nch 500V 5A Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
ZDX050N50 DOINGTER-ZDX050N50 Datasheet
979Kb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Rohm
ZDX080N50 ROHM-ZDX080N50 Datasheet
626Kb / 12P
   Nch 500V 8A Power MOSFET
logo
Unisonic Technologies
ZDXXG-AE3-R UTC-ZDXXG-AE3-R Datasheet
188Kb / 4P
   ZD1.8 THRU ZD36 ZENER DIODES
ZDXXG-CA2-R UTC-ZDXXG-CA2-R Datasheet
188Kb / 4P
   ZD1.8 THRU ZD36 ZENER DIODES
More results

Similar Description - ZDX130N50

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com