Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA5144 Datasheet(PDF) 2 Page - Protek Devices

Part # PA5144
Description  24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5144 Datasheet(HTML) 2 Page - Protek Devices

  PA5144 Datasheet HTML 1Page - Protek Devices PA5144 Datasheet HTML 2Page - Protek Devices PA5144 Datasheet HTML 3Page - Protek Devices PA5144 Datasheet HTML 4Page - Protek Devices PA5144 Datasheet HTML 5Page - Protek Devices PA5144 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5144
24-Bit, 192 kHz Stereo D/A Converter
for PCM Audio
95240 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage …………………………. MIN-0.3V MAX +7.0V
Input Voltage ………………… MIN GND-0.3V MAX VDD+0.3V
Operating Temperature………………..MIN -40°C MAX +85°C
Storage Temperature…………………MIN -65°C MAX +150°C
RECOMMENDED OPERATING CONDITIONS
Supply Voltage …………………………. MIN 4.5V MAX 5.5V
ANALOG CHARACTERISTICS
Test conditions: VDD=5.0V, GND=0V, ambient temperature=25°C, Fs=48KHz, CLKIN/LRCK=256, input 0dB 1KHz sinewave
Note 1. A-weighted filter is used in measurement.
PARAMETERS
MINIMUM
TYPICAL
MAXIMUM
UNIT
DAC Performance
Dynamic Range (Note 1)
90
95
dB
THD+N
-85
-80
dB
Channel Separation (1KHz)
100
dB
Signal to Noise Ratio
95
dB
Interchannel Gain Mismatch
0
dB
Frequency Response
(20Hz-20KHz)
-0.02
+0.08
dB
Filter Frequency Response Characteristics
Single Speed
Passband
0
0.454
Fs
Stopband
0.547
Fs
Passband Ripple
±0.05
dB
Stopband Attenuation
-53
dB
Double Speed
Passband
0
0.417
Fs
Stopband
0.583
Fs
Passband Ripple
±0.005
dB
Stopband Attenuation
-56
dB
Quad Speed
Passband
0
0.2083
Fs
Stopband
0.792
Fs
Passband Ripple
±0.006
dB
Stopband Attenuation
-50
dB
Analog Output Characteristics
Full Scale Output Level
3.25
3.5
3.75
Vpp
Output Impedance
120
Minimum Load Resistance
2
KΩ
Maximum Capacitance
100
pF


Similar Part No. - PA5144

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
More results

Similar Description - PA5144

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
   24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com