Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLD-25 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PLD-25
Description  25W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLD-25 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PLD-25 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLD-25 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. PLD-25 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
PLD-25-1400
PLD-25-1050
PLD-25-700
PLD-25-350
RATEDCURRENT
CURRENTRANGE
OPERATINGVOLTAGERANGE
RATEDPOWER
OUTPUT
SETUP TIME
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
SHORTCIRCUIT
OVERTEMPERATURE
1400mA
1050mA
700mA
350mA
0~1400mA
0~1050mA
0~700mA
0~350mA
25.2W
25.2W
25.2W
20.3W
2Vp-p
2.2Vp-p
2.7Vp-p
4.6Vp-p
63V
50V
35V
25V
1500ms/230VAC3000ms/115VACatfullload
47~63Hz
PF>0.98/115VAC,PF>0.92/230VAC,PF>0.91/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
84%
85%
86%
85%
0.6A/115VAC0.3A/230VAC
40A/230VAC
<0.5mA /240VAC
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
-30~+60
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
UL8750,CSA C22.2No.250.0-08(exceptforPLD-25-350,PLD-25-700),ENECEN613471,EN61347-2-13,IP30approved;
designrefertoUL60950-1, TUVEN60950-1
968.6Khrsmin.MIL-HDBK-217F(25
)
84*57*29.5mm(L*W*H)
0.19Kg;72pcs/14.7Kg/0.75CUFT
25WSingleOutputLEDPowerSupply
Features :
P L D - 2 5 series
RIPPLE&NOISE(max.) Note.1
ENVIRONMENT
SAFETY &
EMC
PROTECTION
95
10
(RTH1)
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
24~36V
36~58V
12~18V
16~24V
FileName:PLD-25-SPEC2012-03-20
1. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
2. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
VOLTAGERANGE
90~295VAC127~417VDC
NOLOADOUTPUT
(max.)
VOLTAGE
5.0%
CompliancetoEN55015,EN61000-3-2ClassC
;EN61000-3-3,FCCpart18non-consumerequipment
(
75%load)
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61547,lightindustrylevel,criteria A
EMCIMMUNITY
EMCEMISSION
Universal AC input / Full range (up to 295VAC)
Built-in active PFC function
Constant current design
Protections: Short circuit / Over temperature
Cooling by free air convection
Fully isolated plastic case
IP30 design
Class 2 power unit
100% full load burn-in test
High reliability
3 years warranty
Suitable for dry / damp locations
Class
power unit, no FG
Low cost
CURRENT ACCURACY
SELV
( for PLD-25-350/700 )
( except PLD-25-350/700 )
F
110
IP30


Similar Part No. - PLD-25

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLD-25 MEANWELL-PLD-25 Datasheet
176Kb / 3P
   25W Single Output LED Power Supply
PLD-25-1050 MEANWELL-PLD-25-1050 Datasheet
176Kb / 3P
   25W Single Output LED Power Supply
PLD-25-1400 MEANWELL-PLD-25-1400 Datasheet
176Kb / 3P
   25W Single Output LED Power Supply
PLD-25-350 MEANWELL-PLD-25-350 Datasheet
176Kb / 3P
   25W Single Output LED Power Supply
PLD-25-700 MEANWELL-PLD-25-700 Datasheet
176Kb / 3P
   25W Single Output LED Power Supply
More results

Similar Description - PLD-25

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
   25W Single Output LED Power Supply
PLD-25 MEANWELL-PLD-25 Datasheet
176Kb / 3P
   25W Single Output LED Power Supply
PCD-25 MEANWELL-PCD-25 Datasheet
175Kb / 3P
   25W Single Output AC Dimmable LED Power Supply
PCD-25_1107 MEANWELL-PCD-25_1107 Datasheet
197Kb / 4P
   25W Single Output AC Dimmable LED Power Supply
PCD-25 MEANWELL-PCD-25_12 Datasheet
229Kb / 4P
   25W Single Output AC Dimmable LED Power Supply
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com